Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5501AKSZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL5501AKSZ-R2
Description  50 MHz to 4 GHz TruPwr Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5501AKSZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL5501AKSZ-R2 Datasheet HTML 11Page - Analog Devices ADL5501AKSZ-R2 Datasheet HTML 12Page - Analog Devices ADL5501AKSZ-R2 Datasheet HTML 13Page - Analog Devices ADL5501AKSZ-R2 Datasheet HTML 14Page - Analog Devices ADL5501AKSZ-R2 Datasheet HTML 15Page - Analog Devices ADL5501AKSZ-R2 Datasheet HTML 16Page - Analog Devices ADL5501AKSZ-R2 Datasheet HTML 17Page - Analog Devices ADL5501AKSZ-R2 Datasheet HTML 18Page - Analog Devices ADL5501AKSZ-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
ADL5501
Rev. 0 | Page 15 of 28
40µs/DIV
400mV rms RF INPUT
250mV rms
160mV rms
70mV rms
ENBL
1
6
2
5
3
4
ADL5501
VPOS
FLTR
RFIN
VRMS
ENBL
COMM
POWER
SUPPLY
RF SIGNAL
GENERATOR
PULSE
GENERATOR
C1
100pF
C2
0.1µF
CFLTR
OSCILLOSCOPE
FET PROBE
ROUT
COUT
AD811
732Ω
50Ω
Figure 37. Output Response to Enable Gating at Various RF Input Levels,
Supply 3 V, Frequency 900 MHz, CFLTR = 1 nF, COUT = Open, ROUT = Open
Figure 34. Hardware Configuration for Output Response to
Enable Gating Measurements
100µs/DIV
400mV rms RF INPUT
250mV rms
160mV rms
70mV rms
ENBL
40µs/DIV
400mV rms RF INPUT
250mV rms
160mV rms
70mV rms
ENBL
Figure 38. Output Response to Enable Gating at Various RF Input Levels,
Supply 3 V, Frequency 900 MHz, CFLTR = Open, COUT = 0.1 μF, ROUT = 1 kΩ
Figure 35. Output Response to Enable Gating at Various RF Input Levels,
Supply 3 V, Frequency 900 MHz, CFLTR = Open, COUT = Open, ROUT = Open
100
–20
0
20
40
60
80
0
500
1000
1500
2000
2500
3000
3500
4000
FREQUENCY (MHz)
8
2
3
4
5
6
7
0
500
1000
1500
2000
2500
3000
3500
4000
FREQUENCY (MHz)
Figure 39. Intercept vs. Frequency, Supply 5 V
Figure 36. Conversion Gain vs. Frequency, Supply 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com