Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5501AKSZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5501AKSZ-R2
Description  50 MHz to 4 GHz TruPwr Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5501AKSZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5501AKSZ-R2 Datasheet HTML 6Page - Analog Devices ADL5501AKSZ-R2 Datasheet HTML 7Page - Analog Devices ADL5501AKSZ-R2 Datasheet HTML 8Page - Analog Devices ADL5501AKSZ-R2 Datasheet HTML 9Page - Analog Devices ADL5501AKSZ-R2 Datasheet HTML 10Page - Analog Devices ADL5501AKSZ-R2 Datasheet HTML 11Page - Analog Devices ADL5501AKSZ-R2 Datasheet HTML 12Page - Analog Devices ADL5501AKSZ-R2 Datasheet HTML 13Page - Analog Devices ADL5501AKSZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADL5501
Rev. 0 | Page 10 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VS = 5.0 V, CFLTR = open, COUT = 100 nF, Colors: black = +25°C, blue = −40°C, red = +85°C, unless otherwise noted.
10
0.03
0.1
1
–25
–20
–15
–10
–5
0
5
10
15
INPUT (dBm)
100MHz
450MHz
900MHz
1900MHz
2350MHz
2700MHz
4000MHz
Figure 4. Output vs. Input Level; Frequencies100 MHz, 450 MHz,
900 MHz,1900 MHz, 2350 MHz, 2700 MHz, and 4000 MHz; Supply 5.0 V
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
01.4
1.2
1.0
0.8
0.6
0.4
0.2
INPUT (V rms)
100MHz
450MHz
900MHz
1900MHz
2350MHz
2700MHz
4000MHz
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
INPUT (V rms)
Figure 5. Output vs. Input Level (Linear Scale); Frequencies 100 MHz, 450 MHz,
900 MHz, 1900 MHz, 2350 MHz, 2700 MHz, and 4000 MHz; Supply 5.0 V
12
11
10
9
8
7
6
5
4
3
2
1
0
00.9
3.0V
5.0V
Figure 6. Supply Current vs. Input Level; Supplies 3.0 V and 5.0 V;
Temperatures −40°C, +25°C, and +85°C
3
2
1
0
–1
–2
–3
–25
15
10
5
0
–5
–10
–15
–20
INPUT (dBm)
100MHz
450MHz
900MHz
1900MHz
2350MHz
2700MHz
4000MHz
Figure 7. Linearity Error vs. Input Level; Frequencies 100 MHz, 450 MHz,
900 MHz, 1900 MHz, 2350 MHz, 2700 MHz, and 4000 MHz; Supply 5.0 V
10
0.03
0.1
1
–25
–20
–15
–10
–5
0
5
10
15
INPUT (dBm)
5.5V
5.0V
2.7V
3.0V
18
16
14
12
10
8
04
3
2
1
FREQUENCY (GHz)
Figure 8. Output vs. Input Level;
Supply 2.7 V, 3.0 V, 5.0 V, and 5.5 V; Frequency 900 MHz
Figure 9. Return Loss vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com