Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C901AVC Datasheet(PDF) 44 Page - Advanced Micro Devices

Part # AM79C901AVC
Description  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVC Datasheet(HTML) 44 Page - Advanced Micro Devices

Back Button AM79C901AVC Datasheet HTML 40Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 41Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 42Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 43Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 44Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 45Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 46Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 47Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 48Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 90 page
background image
44
Am79C901A
PR ELI M IN AR Y
HPR0: HomePNA PHY Control Register (Register 0)
Table 17.
HPR0: HomePNA PHY Control Register (Register 0)
Notes:
1. For collision test, the “enable loopback mode” bit must also be set to ensure that collision traffic is not imposed
on the network.
2. R/W = Read/Write; R = Read only.
Bits
Name
Description
Read/
Write
Default
Value
(hex)
15
RESET
1 = RESET
When read, 1= reset in process
0 = Normal operation
** Self Clearing after ~70
µs
R/W
0
14
Enable Loopback Mode
1 = Loopback mode enable
0 = Loopback mode disable
R/W
0
13
Speed Selection
0 = 10 Mbps
R0
12
Auto-Negotiation Enabled
1 = Enabled
0 = Disabled
R0
11
Power Down
1 = Power down
0 = Normal operation
(This bit is mirrored in PHY Control bit 4)
R0
10
Isolate
1 = Electrically isolates PHY from the MII/GPSI
0 = Normal operation
R/W
1
9
Restart Auto-Negotiation
1 = Restart Auto-Negotiation
0 = Normal operation
** Self Clearing
R0
8
Duplex Mode
1 = Full-Duplex (for Loopback test only)
0 = Half-Duplex
R/W
0
7
Collision Test (Note 1)
1 = Enable COL test signal
0 = Disable COL test signal
R/W
0
6:0
Reserved
Write as 0, ignore on read
R0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com