Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C901AVC Datasheet(PDF) 84 Page - Advanced Micro Devices

Part # AM79C901AVC
Description  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVC Datasheet(HTML) 84 Page - Advanced Micro Devices

Back Button AM79C901AVC Datasheet HTML 80Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 81Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 82Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 83Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 84Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 85Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 86Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 87Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 88Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 90 page
background image
84
Am79C901A
PR ELI M IN AR Y
AC CHARACTERISTICS (CONTINUED)
10BASE-T PMD
Note:
RX± pulses narrower than tPWDRD (min) will maintain internal Carrier Sense on. RX± pulses wider than tPWKRD (max)
will turn internal Carrier Sense off.
Figure 18.
10 Mbps Transmit (TX±) Timing Diagram
Figure 19.
10 Mbps Receive (RX±) Timing Diagram
No.
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
99
tTETD
Transmit End of Transmit Data
250
375
ns
100
tPWKRD
RX± Pulse Width Maintain/Turn Off
Threshold
|VIN| > |VTHS| (Note 1)
136
200
ns
TX±
99
22304B-42
RX±
VTSQ+
VTSQ-
100
100
100
22304B-43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com