Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C901AVC Datasheet(PDF) 63 Page - Advanced Micro Devices

Part # AM79C901AVC
Description  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVC Datasheet(HTML) 63 Page - Advanced Micro Devices

Back Button AM79C901AVC Datasheet HTML 59Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 60Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 61Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 62Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 63Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 64Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 65Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 66Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 67Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 90 page
background image
Am79C901A
63
PR ELI M IN AR Y
TBR16: 10BASE-T Status and Enable Register (Register 16)
The status bits indicate when there is a change in the
Link Status, Duplex Mode, Auto-Negotiation status,
or Speed status. Register 16 contains the status and
enable bits. The status is always updated whether or
not the enable bits are set. When a status change oc-
curs, the system will need to read this register to
clear the status bits. See Table 50.
Table 50.
TBR16: 10BASE-T Status and Enable Register (Register 16)
Note:
All bits, except bit 13, are cleared on read (COR). The register must be read twice to see if it has been cleared.
Bits
Name
Description
Read/
Write
Default Value
(hex)
15:14
Reserved
R0
13
Status Test Enable
(Note 1)
1 = When this bit is set, setting bits 12:9 of this register
will cause a condition that will set bits 4:1
accordingly. The effect is to test the register bits with
a forced interrupt condition.
0 = Bits 4:1 are only set if the interrupt condition (if any
bits in 12:9 are set) occurs.
R/W
0
12
Link Status Change
Enable
1 = Link Status change enable
0 = This interrupt is masked
R/W
0
11
Duplex Mode Change
Enable
1 = Duplex Mode change enable
0 = This interrupt is masked
R/W
0
10
Auto-Negotiation Change
Enable
1 = Auto-Negotiation change enable
0 = This interrupt is masked
R/W
0
9
Speed Change Enable
1 = Speed change enable
0 = This interrupt is masked
R/W
0
8
Global Enable
1= Global interrupt enable
0 = This interrupt is masked
R/W
0
7:5
Reserved
R0
4
Link Status Change
1 = Link Status has changed on a port
0 = No change in Link Status
R, LH
0
3
Duplex Mode Change
1 = Duplex Mode has changed on a port
0 = No change in Duplex mode
R, LH
0
2
Auto-Negotiation Change
1 = Auto-Negotiation status has changed on a port
0 = No change in Auto-Negotiation status
R, LH
0
1
Speed Change
1 = Speed status has changed on a port
0 = No change
R, LH
0
0
Global
1 = Indicates a change in status of any of the above
interrupts
0 = Indicates no change in Interrupt status
R, LH
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com