Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C901AVC Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AM79C901AVC
Description  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVC Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM79C901AVC Datasheet HTML 6Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 7Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 8Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 9Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 10Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 11Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 12Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 13Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 90 page
background image
10
Am79C901A
PR ELI M IN AR Y
PIN DESIGNATIONS (PL 068)
Listed By Pin Number
Note: NC pins are reserved and should be left unconnected.
Pin
No.
Pin
Name
Pin
No.
Pin
Name
Pin
No.
Pin
Name
Pin
No.
Pin
Name
1
LED_LINK
18
DVDD
35
TDO
52
AVSS
2
LED_COL
19
RX_ER
36
TCK
53
TX+
3
LED_ACTIVITY
20
DVSS
37
TMS
54
AVDD
4
DVDD
21
GM_MODE
38
TDI
55
TX-
5
LED_POWER
22
TX_CLK/TXCLK
39
XCLK/XTAL
56
AVSS
6
LED_SPEED
23
TX_EN/TXEN
40
XTAL2
57
RX+
7
DVSS
24
TXD0/TXDAT
41
XTAL1
58
AVDD
8
RXD3
25
TXD1/SDI
42
AVDD
59
RX-
9
RXD2
26
NC
43
NC
60
NC
10
RXD1
27
TXD2
44
AVDD
61
RESET
11
RXD0/RXDAT
28
TXD3/CS
45
AVSS
62
TEN
12
DVSS
29
DVSS
46
AVSS
63
MII/GPSI
13
RX_DV
30
COL/CLS
47
HRTXRXN
64
PHY_AD
14
DVDD
31
DVSS
48
AVDD
65
ISOLATE
15
RX_CLK/RXCLK
32
CRS/RXCRS
49
HRTXRXP
66
MDIO/SDO
16
AVDD
33
DVDD
50
AVDD
67
DVSS
17
PHY_SEL
34
DVDD
51
IREF
68
MDC/SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com