Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8752I Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ICS8752I
Description  LOW SKEW, 1-TO-8 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8752I Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ICS8752I Datasheet HTML 2Page - Renesas Technology Corp ICS8752I Datasheet HTML 3Page - Renesas Technology Corp ICS8752I Datasheet HTML 4Page - Renesas Technology Corp ICS8752I Datasheet HTML 5Page - Renesas Technology Corp ICS8752I Datasheet HTML 6Page - Renesas Technology Corp ICS8752I Datasheet HTML 7Page - Renesas Technology Corp ICS8752I Datasheet HTML 8Page - Renesas Technology Corp ICS8752I Datasheet HTML 9Page - Renesas Technology Corp ICS8752I Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
8752CYI
REV. C JULY 30, 2010
6
ICS8752I
LOW SKEW, 1-TO-8
LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
TABLE 6A. PLL INPUT REFERENCE CHARACTERISTICS, V
DD = VDDA = VDDO = 3.3V±5%, T
A
= -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
F
E
R
y
c
n
e
u
q
e
r
F
e
c
n
e
r
e
f
e
R
t
u
p
n
I
y
b
d
e
t
i
m
il
s
i
y
c
n
e
u
q
e
r
f
e
c
n
e
r
e
f
e
r
t
u
p
n
I
:
E
T
O
N
.
e
g
n
a
r
k
c
o
l
O
C
V
e
h
t
d
n
a
n
o
i
t
c
e
l
e
s
r
e
d
i
v
i
d
e
h
t
0
20
4
2z
H
M
TABLE 5B. LVCMOS/LVTTL DC CHARACTERISTICS, V
DD = VDDA = VDDO = 3.3V±5%
OR
2.5V±5%, TA = -40°C TO 85°C
TABLE 6B. PLL INPUT REFERENCE CHARACTERISTICS, V
DD = VDDA = VDDO = 2.5V±5%, T
A
= -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
F
E
R
y
c
n
e
u
q
e
r
F
e
c
n
e
r
e
f
e
R
t
u
p
n
I
y
b
d
e
t
i
m
il
s
i
y
c
n
e
u
q
e
r
f
e
c
n
e
r
e
f
e
r
t
u
p
n
I
:
E
T
O
N
.
e
g
n
a
r
k
c
o
l
O
C
V
e
h
t
d
n
a
n
o
i
t
c
e
l
e
s
r
e
d
i
v
i
d
e
h
t
0
20
2
1z
H
M
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
I
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I
V
D
D
V
3
.
3
=2
V
D
D
3
.
0
+V
V
D
D
V
5
.
2
=7
.
1V
D
D
3
.
0
+V
V
L
I
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I
V
D
D
V
3
.
3
=3
.
0
-8
.
0V
V
D
D
V
5
.
2
=3
.
0
-7
.
0V
I
H
I
t
u
p
n
I
t
n
e
r
r
u
C
h
g
i
H
,
0
x
L
E
S
_
V
I
D
,
0
K
L
C
,
1
x
L
E
S
_
V
I
D
,
L
E
S
_
K
L
C
,
N
I
_
B
F
,
1
K
L
C
E
O
n
/
R
M
V
D
D
=V
N
I
V
5
6
4
.
3
=
V
5
2
6
.
2
r
o
0
5
1A
µ
L
E
S
_
L
L
P
V
D
D
=V
N
I
V
5
6
4
.
3
=
V
5
2
6
.
2
r
o
5A
µ
I
L
I
t
u
p
n
I
t
n
e
r
r
u
C
w
o
L
,
0
x
L
E
S
_
V
I
D
,
0
K
L
C
,
1
x
L
E
S
_
V
I
D
,
L
E
S
_
K
L
C
,
N
I
_
B
F
,
1
K
L
C
E
O
n
/
R
M
V
D
D
=,
V
5
2
6
.
2
r
o
V
5
6
4
.
3
V
N
I
V
0
=
5
-A
µ
L
E
S
_
L
L
P
V
D
D
=,
V
5
2
6
.
2
r
o
V
5
6
4
.
3
V
N
I
V
0
=
0
5
1
-A
µ
V
H
O
1
E
T
O
N
;
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O
V
O
D
D
=V
N
I
V
5
6
4
.
3
=6
.
2V
V
O
D
D
=V
N
I
V
5
2
6
.
2
=8
.
1V
V
L
O
1
E
T
O
N
;
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O
5
.
0V
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
t
u
p
t
u
O
:
1
E
T
O
N
Ω
V
o
t
O
D
D
,
n
o
i
t
c
e
s
n
o
i
t
a
m
r
o
f
n
I
t
n
e
m
e
r
u
s
a
e
M
r
e
t
e
m
a
r
a
P
e
e
S
.
2
/
.
s
m
a
r
g
a
i
d
"
t
i
u
c
r
i
C
t
s
e
T
d
a
o
L
t
u
p
t
u
O
"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com