Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8752I Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ICS8752I
Description  LOW SKEW, 1-TO-8 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8752I Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ICS8752I Datasheet HTML 5Page - Renesas Technology Corp ICS8752I Datasheet HTML 6Page - Renesas Technology Corp ICS8752I Datasheet HTML 7Page - Renesas Technology Corp ICS8752I Datasheet HTML 8Page - Renesas Technology Corp ICS8752I Datasheet HTML 9Page - Renesas Technology Corp ICS8752I Datasheet HTML 10Page - Renesas Technology Corp ICS8752I Datasheet HTML 11Page - Renesas Technology Corp ICS8752I Datasheet HTML 12Page - Renesas Technology Corp ICS8752I Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
8752CYI
REV. C JULY 30, 2010
9
ICS8752I
LOW SKEW, 1-TO-8
LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
3.3V OUTPUT LOAD AC TEST CIRCUIT
(Where X denotes outputs in the same Bank)
2.5V OUTPUT LOAD AC TEST CIRCUIT
BANK SKEW
OUTPUT SKEW
OUTPUT DUTY CYLCLE/PULSE WIDTH/PERIOD
CYCLE-TO-CYCLE JITTER
tjit(cc) = tcycle n –tcycle n+1
1000 Cycles
STATIC PHASE OFFSET
OUTPUT RISE/FALL TIME
PARAMETER MEASUREMENT INFORMATION
SCOPE
Qx
LVCMOS
1.65V±5%
-1.65V±5%
tsk(o)
V
DDO
2
V
DDO
2
Qy
Qx
QA0:QA3,
QB0:QB3
➤
➤
V
DDO
2
V
DDO
2
V
DDO
2
tcycle n
tcycle n+1
tsk(b)
V
DDO
2
V
DDO
2
➤t(Ø)
V
DD
2
V
DD
2
CLK0,
CLK1
FB_IN
QX0:QX3
QX0:QX3
Pulse Width
t
PERIOD
t
PW
t
PERIOD
odc =
V
DDO
2
Clock
Outputs
20%
80%
80%
20%
tR
t F
QA0:QA3,
QB0:QB3
V
DD,
V
DDA,VDDO
GND
SCOPE
Qx
LVCMOS
1.25V±5%
-1.25V±5%
V
DD,
V
DDA,VDDO
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com