Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8752I Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS8752I
Description  LOW SKEW, 1-TO-8 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8752I Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS8752I Datasheet HTML 1Page - Renesas Technology Corp ICS8752I Datasheet HTML 2Page - Renesas Technology Corp ICS8752I Datasheet HTML 3Page - Renesas Technology Corp ICS8752I Datasheet HTML 4Page - Renesas Technology Corp ICS8752I Datasheet HTML 5Page - Renesas Technology Corp ICS8752I Datasheet HTML 6Page - Renesas Technology Corp ICS8752I Datasheet HTML 7Page - Renesas Technology Corp ICS8752I Datasheet HTML 8Page - Renesas Technology Corp ICS8752I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
8752CYI
REV. C JULY 30, 2010
2
ICS8752I
LOW SKEW, 1-TO-8
LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
C
N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
4F
p
R
P
U
L
L
U
P
r
o
t
s
i
s
e
R
p
u
ll
u
P
t
u
p
n
I
1
5k
Ω
R
N
W
O
D
L
L
U
P
r
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
t
u
p
n
I
1
5k
Ω
C
D
P
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
)
t
u
p
t
u
o
r
e
p
(
V
A
D
D
V
,
D
D
V
,
O
D
D
V
5
6
4
.
3
=3
2F
p
R
T
U
O
e
c
n
a
d
e
p
m
I
t
u
p
t
u
O
7
Ω
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
i
t
p
i
r
c
s
e
D
2
,
1
,
0
B
L
E
S
_
V
I
D
1
B
L
E
S
_
V
I
D
t
u
p
n
In
w
o
d
ll
u
P
.
3
e
l
b
a
T
n
i
d
e
b
i
r
c
s
e
d
s
a
B
k
n
a
B
r
o
f
s
e
u
l
a
v
r
e
d
i
v
i
d
t
u
p
t
u
o
s
e
n
i
m
r
e
t
e
D
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
4
,
3
,
0
A
L
E
S
_
V
I
D
1
A
L
E
S
_
V
I
D
t
u
p
n
In
w
o
d
ll
u
P
.
3
e
l
b
a
T
n
i
d
e
b
i
r
c
s
e
d
s
a
A
k
n
a
B
r
o
f
s
e
u
l
a
v
r
e
d
i
v
i
d
t
u
p
t
u
o
s
e
n
i
m
r
e
t
e
D
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
5E
O
n
/
R
Mt
u
p
n
In
w
o
d
ll
u
P
e
r
a
s
t
u
p
t
u
o
e
h
t
d
n
a
t
e
s
e
r
e
r
a
s
r
e
d
i
v
i
d
l
a
n
r
e
t
n
i
e
h
t
,
H
G
I
H
c
i
g
o
l
n
e
h
W
s
t
u
p
t
u
o
e
h
t
d
n
a
d
e
l
b
a
s
i
d
s
i
t
e
s
e
r
r
e
t
s
a
m
e
h
t
,
W
O
L
c
i
g
o
l
n
e
h
W
.
d
e
l
b
a
s
i
d
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
d
e
l
b
a
n
e
e
r
a
60
K
L
Ct
u
p
n
In
w
o
d
ll
u
P.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
t
u
p
n
i
k
c
o
l
C
,
7
1
,
3
1
,
7
9
2
,
8
2
,
4
2
D
N
Gr
e
w
o
P.
d
n
u
o
r
g
y
l
p
p
u
s
r
e
w
o
P
8N
I
_
B
Ft
u
p
n
In
w
o
d
ll
u
P
.
"
y
a
l
e
d
o
r
e
z
"
h
t
i
w
s
k
c
o
l
c
g
n
i
t
a
r
e
n
e
g
r
o
f
r
o
t
c
e
t
e
d
e
s
a
h
p
o
t
t
u
p
n
i
k
c
a
b
d
e
e
F
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
9L
E
S
_
K
L
Ct
u
p
n
In
w
o
d
ll
u
P
r
o
t
c
e
t
e
d
e
s
a
h
p
s
a
1
K
L
C
r
o
0
K
L
C
n
e
e
w
t
e
b
s
t
c
e
l
e
S
.
t
u
p
n
i
t
c
e
l
e
s
k
c
o
l
C
.
1
K
L
C
s
t
c
e
l
e
s
,
H
G
I
H
n
e
h
W
.
0
K
L
C
s
t
c
e
l
e
s
,
W
O
L
n
e
h
W
.
e
c
n
e
r
e
f
e
r
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
0
1V
A
D
D
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
g
o
l
a
n
A
2
3
,
1
1V
D
D
r
e
w
o
P.
s
n
i
p
y
l
p
p
u
s
e
r
o
C
2
11
K
L
Ct
u
p
n
In
w
o
d
ll
u
P.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
t
u
p
n
i
k
c
o
l
C
,
5
1
,
4
1
9
1
,
8
1
,
1
A
Q
,
0
A
Q
3
A
Q
,
2
A
Q
t
u
p
t
u
O
7
.
s
t
u
p
t
u
o
k
c
o
l
c
A
k
n
a
B
Ω
.
e
c
n
a
d
e
p
m
i
t
u
p
t
u
o
l
a
c
i
p
y
t
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
,
0
2
,
6
1
5
2
,
1
2
V
O
D
D
r
e
w
o
P.
s
n
i
p
y
l
p
p
u
s
t
u
p
t
u
O
,
3
2
,
2
2
7
2
,
6
2
,
1
B
Q
,
0
B
Q
3
B
Q
,
2
B
Q
t
u
p
t
u
O
7
.
s
t
u
p
t
u
o
k
c
o
l
c
B
k
n
a
B
Ω
.
e
c
n
a
d
e
p
m
i
t
u
p
t
u
o
l
a
c
i
p
y
t
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
0
3c
nd
e
s
u
n
U.
t
c
e
n
n
o
c
o
N
1
3L
E
S
_
L
L
Pt
u
p
n
Ip
u
ll
u
P
.
s
r
e
d
i
v
i
d
e
h
t
o
t
t
u
p
n
i
e
h
t
s
a
1
K
L
C
r
o
0
K
L
C
d
n
a
L
L
P
e
h
t
n
e
e
w
t
e
b
s
t
c
e
l
e
S
.
1
K
L
C
r
o
0
K
L
C
s
t
c
e
l
e
s
W
O
L
n
e
h
W
.
L
L
P
s
t
c
e
l
e
s
H
G
I
H
n
e
h
W
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
:
E
T
O
N
p
u
ll
u
P
d
n
a
n
w
o
d
ll
u
P
.
s
e
u
l
a
v
l
a
c
i
p
y
t
r
o
f
,
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
n
i
P
,
2
e
l
b
a
T
e
e
S
.
s
r
o
t
s
i
s
e
r
t
u
p
n
i
l
a
n
r
e
t
n
i
o
t
r
e
f
e
r



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com