Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8752I Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS8752I
Description  LOW SKEW, 1-TO-8 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8752I Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS8752I Datasheet HTML 1Page - Renesas Technology Corp ICS8752I Datasheet HTML 2Page - Renesas Technology Corp ICS8752I Datasheet HTML 3Page - Renesas Technology Corp ICS8752I Datasheet HTML 4Page - Renesas Technology Corp ICS8752I Datasheet HTML 5Page - Renesas Technology Corp ICS8752I Datasheet HTML 6Page - Renesas Technology Corp ICS8752I Datasheet HTML 7Page - Renesas Technology Corp ICS8752I Datasheet HTML 8Page - Renesas Technology Corp ICS8752I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
8752CYI
REV. C JULY 30, 2010
1
ICS8752I
LOW SKEW, 1-TO-8
LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
BLOCK DIAGRAM
PIN ASSIGNMENT
32 31 30 29 28 27 26 25
9
10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
GND
QB1
QB0
VDDO
VDDO
QA3
QA2
GND
DIV_SELB0
DIV_SELB1
DIV_SELA0
DIV_SELA1
MR/nOE
CLK0
GND
FB_IN
ICS8752I
32-Lead LQFP
7mm x 7mm x 1.4mm package body
Y package
Top View
÷2
÷4
÷6
÷8
÷12
PLL
PHASE
DETECTOR
PLL_SEL
FB_IN
CLK0
CLK1
CLK_SEL
DIV_SELA1
DIV_SELA0
DIV_SELB1
DIV_SELB0
MR/nOE
QA0
QA1
QA2
QA3
QB0
QB1
QB2
QB3
0
1
1
0
00
01
10
11
00
01
10
11
VCO
GENERAL DESCRIPTION
The ICS8752I is a low voltage, low skew LVCMOS clock
generator. With output
up to 240MHz, the ICS8752I is
targeted for high performance clock applications. Along with
a fully integrated PLL, the ICS8752I contains frequency
configurable outputs and an external feedback input for
regenerating clocks with “zero delay”.
Dual clock inputs, CLK0 and CLK1, support redundant clock
applications. The CLK_SEL input determines which reference
clock is used. The output divider values of Bank A and B are
controlled by the DIV_SELA0:1, and DIV_SELB0:1, respectively.
For test and system debug purposes, the PLL_SEL input
allows the PLL to be bypassed. When HIGH, the MR/nOE
input resets the internal dividers and forces the outputs to
the high impedance state.
The low impedance LVCMOS outputs of the ICS8752I are
designed to drive ter minated transmission lines. The
effective fanout of each output can be doubled by
utilizing the ability of each output to drive two series
terminated transmission lines.
FEATURES
• Fully integrated PLL
• 8 LVCMOS outputs, 7Ω typical output impedance
• Selectable LVCMOS CLK0 or CLK1 inputs for
redundant clock applications
• Input/Output frequency range: 18.33MHz to 240MHz
at V
CC = 3.3V ± 5%
• VCO range: 220MHz to 480MHz
• External feedback for “zero delay” clock regeneration
• Cycle-to-cycle jitter: 75ps (maximum),
(all outputs are the same frequency)
• Output skew: 100ps (maximum)
• Bank skew: 55ps (maximum)
• Full 3.3V or 2.5V supply voltage
• -40°C to 85°C ambient operating temperature
• Lead-Free package fully RoHS compliant


Similar Part No. - ICS8752I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8752I IDT-ICS8752I Datasheet
118Kb / 14P
LOW SKEW, 1-TO-8 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
More results

Similar Description - ICS8752I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS87972I ICST-ICS87972I Datasheet
150Kb / 14P
LOW SKEW, 1-TO-12 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
REV. A OCTOBER 18, 2002
ICS8752 ICST-ICS8752 Datasheet
139Kb / 15P
LOW SKEW, 1-TO-8 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
REV. A AUGUST 19, 2002
ICS87931I ICST-ICS87931I Datasheet
166Kb / 14P
LOW SKEW, 1-TO-6 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
REV. A JUNE 23, 2003
logo
Integrated Device Techn...
ICS87973I-147 IDT-ICS87973I-147 Datasheet
1Mb / 19P
LOW SKEW, 1-TO-12 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
ICS8752 IDT-ICS8752 Datasheet
141Kb / 14P
LOW SKEW, 1-TO-8 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
ICS8752I IDT-ICS8752I Datasheet
118Kb / 14P
LOW SKEW, 1-TO-8 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
ICS87972I IDT-ICS87972I Datasheet
165Kb / 17P
LOW SKEW, 1-TO-12 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
logo
Renesas Technology Corp
87972I-147 RENESAS-87972I-147 Datasheet
414Kb / 19P
Low Skew, 1-to-12 LVCMOS/LVTTL Clock Multiplier/Zero Delay Buffer
December 7, 2015
ICS87931I-147 RENESAS-ICS87931I-147 Datasheet
386Kb / 16P
LOW SKEW, 1-TO-6 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
AUGUST 13, 2013
87973 RENESAS-87973 Datasheet
432Kb / 18P
Low Skew, 1-to-12 LVCMOS / LVTTL Clock Multiplier/Zero Delay Buffer
December 7, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com