Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8752I Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ICS8752I
Description  LOW SKEW, 1-TO-8 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8752I Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ICS8752I Datasheet HTML 4Page - Renesas Technology Corp ICS8752I Datasheet HTML 5Page - Renesas Technology Corp ICS8752I Datasheet HTML 6Page - Renesas Technology Corp ICS8752I Datasheet HTML 7Page - Renesas Technology Corp ICS8752I Datasheet HTML 8Page - Renesas Technology Corp ICS8752I Datasheet HTML 9Page - Renesas Technology Corp ICS8752I Datasheet HTML 10Page - Renesas Technology Corp ICS8752I Datasheet HTML 11Page - Renesas Technology Corp ICS8752I Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8752CYI
REV. C JULY 30, 2010
8
ICS8752I
LOW SKEW, 1-TO-8
LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
TABLE 7B. AC CHARACTERISTICS, V
DD = VDDA = VDDO = 2.5V±5%, T
A
= -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
T
U
O
)
e
d
o
M
L
L
P
(
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
÷2
0
1
10
4
2z
H
M
÷4
5
50
2
1z
H
M
÷6
7
6
.
6
30
8z
H
M
÷8
5
.
7
20
6z
H
M
1
÷ 2
3
3
.
8
10
4z
H
M
f
O
C
V
e
g
n
a
R
k
c
o
L
O
C
V
L
L
P
0
2
20
8
4z
H
M
)
Ø
(
t1
E
T
O
N
;
t
e
s
f
f
O
e
s
a
h
P
c
i
t
a
t
S
z
H
M
0
0
4
=
O
C
V
f
8
÷
k
c
a
b
d
e
e
F
0
9
-0
50
9
1s
p
t
)
b
(
k
s4
,
2
E
T
O
N
;
w
e
k
S
k
n
a
B
e
g
d
e
g
n
i
s
i
r
n
o
d
e
r
u
s
a
e
M
V
t
a
O
D
D
2
/
5
5s
p
t
)
o
(
k
s4
,
3
E
T
O
N
;
w
e
k
S
t
u
p
t
u
O
e
g
d
e
g
n
i
s
i
r
n
o
d
e
r
u
s
a
e
M
V
t
a
O
D
D
2
/
0
9s
p
t
)
c
c
(
t
ij
e
l
c
y
C
-
o
t
-
e
l
c
y
C
4
E
T
O
N
;
r
e
t
t
i
J
s
e
i
c
n
e
u
q
e
r
F
t
n
e
r
e
f
f
i
D
s
k
n
a
B
t
n
e
r
e
f
f
i
D
n
o
0
0
4s
p
t
a
s
t
u
p
t
u
O
ll
A
y
c
n
e
u
q
e
r
F
e
m
a
S
5
7s
p
t
L
e
m
i
T
k
c
o
L
L
L
P
1S
m
t
R
t
/
F
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
O%
0
8
o
t
%
0
20
0
40
5
9s
p
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
O
5
40
55
5%
f
t
a
d
e
r
u
s
a
e
m
s
r
e
t
e
m
a
r
a
p
ll
A
X
A
M
.
e
s
i
w
r
e
h
t
o
d
e
t
o
n
s
s
e
l
n
u
,
l
a
n
g
i
s
t
u
p
n
i
k
c
a
b
d
e
e
f
e
g
a
r
e
v
a
e
h
t
d
n
a
k
c
o
l
c
t
u
p
n
i
e
h
t
n
e
e
w
t
e
b
e
c
n
e
r
e
f
f
i
d
e
m
i
t
e
h
t
s
a
d
e
n
i
f
e
D
:
1
E
T
O
N
.
e
l
b
a
t
s
s
i
y
c
n
e
u
q
e
r
f
e
c
n
e
r
e
f
e
r
t
u
p
n
i
e
h
t
d
n
a
d
e
k
c
o
l
s
i
L
L
P
e
h
t
n
e
h
w
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
s
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
f
o
k
n
a
b
a
n
i
h
t
i
w
w
e
k
s
s
a
d
e
n
i
f
e
D
:
2
E
T
O
N
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
3
E
T
O
N
V
t
a
d
e
r
u
s
a
e
M
O
D
D
.
2
/
.
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
t
i
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
4
E
T
O
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com