Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16350/PCBZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADIS16350/PCBZ
Description  Tri Axis Gyroscope & Accelerometer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16350/PCBZ Datasheet(HTML) 3 Page - Analog Devices

  ADIS16350/PCBZ Datasheet HTML 1Page - Analog Devices ADIS16350/PCBZ Datasheet HTML 2Page - Analog Devices ADIS16350/PCBZ Datasheet HTML 3Page - Analog Devices ADIS16350/PCBZ Datasheet HTML 4Page - Analog Devices ADIS16350/PCBZ Datasheet HTML 5Page - Analog Devices ADIS16350/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16350/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16350/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16350/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Preliminary Technical Data
ADIS16350
Rev. PrA | Page 3 of 10
SPECIFICATIONS
TA = −40oC to +85°C, VCC = 5.0 V, Angular Rate = 0°/s, Dynamic Range 320°/sec, +1g, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
GYRO SENSITIVITY
Each axis
Dynamic Range
Full-scale range over specifications range
±320
o/s
Initial
25°C, Dynamic range = +320
°/sec
0.07233
0.07326
0.07400
o/s/LSB
25°C, Dynamic range = +160
°/sec
0.03663
o/s/LSB
25°C, Dynamic range = +80
°/sec
0.01832
o/s/LSB
Sensitivity Drift over Temp
-20°C to 75°C
+500
ppm/oC
Axis Non-orthogonality
25°C, difference from 90 degrees ideal
TBD
degree
Axis Misalignment
25°C, relative to base-plate & guide pins
TBD
degree
Non-Linearity
Best fit straight line
+0.1
% of FS
GYRO BIAS
In Run Bias Stability
25°C, 1 σ
0.016
o/s
Turn on – Turn on Bias Stability
25°C, 1 σ
0.035
o/s
Angular Random Walk
25°C
3.6
o/
√hr
Zero Rate Bias Drift over Temp
-20°C to 75°C
+0.06
o/s/°C
g Sensitivity
Any Axis
0.2
o/s/g
Voltage Sensitivity
VCC = 4.75 V to 5.25 V
1.0
o/s /V
GYRO NOISE PERFORMANCE
Output Noise
At 25°C, +320 o/s Dynamic range, no
filtering
TBD
o/s rms
At 25°C, +160 o/s Dynamic range,
minimum 4 tap filter setting
TBD
o/s rms
At 25°C, +80 o/s Dynamic range,
minimum 16 tap filter setting
TBD
o/s rms
Rate Noise Density
At 25°C, f= 25Hz, no average
0.05
o/s/√Hz rms
GYRO FREQUENCY RESPONSE
Sensor Bandwidth
350
Hz
Sensor Resonant Frequency
14
kHz
Turn-on Time
Power on from Sleep Mode to +
2o/s of
final, no averaging, min sample period
TBD
ms
GYRO SELF-TEST STATE
Change for positive stimulus
Relative to nominal output
439
721
1092
LSB
Change for negative stimulus
Relative to nominal output
-439
-721
-1092
LSB
ACCELEROMETER SENSITIVITY
Each axis
Dynamic Range
±10
g
Initial
@25°C
TBD
2.78
TBD
mg/LSB
Sensitivity Drift Over Temperature
TBD
ppm/°C
Axis Non-orthogonality
25°C, difference from 90 degrees ideal
TBD
degree
Axis Misalignment
25°C, relative to base-plate & guide pins
TBD
degree
Nonlinearity
Best Fit Straight Line
±0.2
% of FS
ACCELEROMETER BIAS
0g Offset
@25°C
TBD
TBD
mg
0g Offset Over Temperature
TBD
mg/°C
Axis Non-orthogonality
25°C, difference from 90 degrees ideal
TBD
degree
Axis Misalignment
25°C, relative to base-plate & guide pins
TBD
degree



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com