Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16350/PCBZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADIS16350/PCBZ
Description  Tri Axis Gyroscope & Accelerometer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16350/PCBZ Datasheet(HTML) 5 Page - Analog Devices

  ADIS16350/PCBZ Datasheet HTML 1Page - Analog Devices ADIS16350/PCBZ Datasheet HTML 2Page - Analog Devices ADIS16350/PCBZ Datasheet HTML 3Page - Analog Devices ADIS16350/PCBZ Datasheet HTML 4Page - Analog Devices ADIS16350/PCBZ Datasheet HTML 5Page - Analog Devices ADIS16350/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16350/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16350/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16350/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Preliminary Technical Data
ADIS16350
Rev. PrA | Page 5 of 10
Table 3. (Continued)
CONVERSION RATE
Minimum Conversion Time
0.9766
ms
Maximum Conversion Time
1.937
Sec
Maximum Throughput Rate
1024
SPS
Minimum Throughput Rate
0.516
SPS
POWER SUPPLY
Operating Voltage Range VCC
4.75
5.0
5.25
V
Power Supply Current
Normal mode at 25°C
48
mA
Fast mode at 25°C
77
mA
Sleep mode at 25°C
500
μA
1 Guaranteed by design
2 Endurance is qualified as per JEDEC Standard 22 Method A117 and measured at −40°C, +25°C, +85°C, and +125°C.
3 Retention lifetime equivalent at junction temperature (TJ) 55°C as per JEDEC Standard 22 Method A117. Retention lifetime decreases with junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com