Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16350/PCBZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADIS16350/PCBZ
Description  Tri Axis Gyroscope & Accelerometer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16350/PCBZ Datasheet(HTML) 1 Page - Analog Devices

  ADIS16350/PCBZ Datasheet HTML 1Page - Analog Devices ADIS16350/PCBZ Datasheet HTML 2Page - Analog Devices ADIS16350/PCBZ Datasheet HTML 3Page - Analog Devices ADIS16350/PCBZ Datasheet HTML 4Page - Analog Devices ADIS16350/PCBZ Datasheet HTML 5Page - Analog Devices ADIS16350/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16350/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16350/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16350/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Tri Axis Gyroscope & Accelerometer
Preliminary Technical Data
ADIS16350
Rev. PrA
11/10/2006 10:59 AM
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Tri-axis gyroscope
+320 degrees/second measurement range
14-bit resolution
Tri-axis accelerometer
+10g measurement range
14-bit resolution
350Hz Bandwidth
Factory calibrated sensitivity and bias
Digitally controlled sensitivity and bias
Digitally controlled sample rate
Digitally controlled filtering
Programmable condition monitoring, alarms
Auxiliary digital I/O
Digitally activated self-test
Programmable power management
Embedded Temperature Sensor
SPI®-compatible serial interface
Auxiliary 12-bit ADC input and DAC output
Single-supply operation: +4.75V to +5.25 V
2000 g powered shock survivability
APPLICATIONS
Guidance and control
Platform control and stabilization
Motion control and analysis
Inertial Measurement Units
General Navigation
Image stabilization
Robotics
GENERAL DESCRIPTION
The ADIS16350 iSensorTM provides complete tri axis inertial
sensing (both angular and linear motion) in a compact module
fully ready for system integration. With Analog Devices’
iMEMSTM sensor technology at its core, the ADIS16350
includes embedded processing for sensor calibration and
tuning. An SPI interface allows for simple system interface
and programming.
The SPI port provides access to the following embedded
sensors: X, Y, and Z axis angular rate; X, Y, and Z axis linear
acceleration; Internal Temperature; Power Supply; and an
Auxiliary analog input.
The inertial sensors are precision
aligned across axis’, and are calibrated for offset and sensitivity.
System interfacing is simplified with the following additional
programmable features:
-
In-system Bias Auto Calibration
-
Digital Filtering and Sample Rate
-
Self Test
-
Power Management
-
Condition Monitoring
-
Auxiliary Digital I/O
The ultra compact module measures
22.7mmx23.2mmx22.9mm, plus mounting extensions.
FUNCTIONAL BLOCK DIAGRAM


Similar Part No. - ADIS16350/PCBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16350 AD-ADIS16350 Datasheet
385Kb / 28P
Tri-Axis Inertial Sensor
Rev. PrG
ADIS16350AMLZ AD-ADIS16350AMLZ Datasheet
1Mb / 15P
iSensor PC-USB Evaluation System
Rev. PrA
ADIS16350AMLZ1 AD-ADIS16350AMLZ1 Datasheet
385Kb / 28P
Tri-Axis Inertial Sensor
Rev. PrG
ADIS16350EVALZ1 AD-ADIS16350EVALZ1 Datasheet
385Kb / 28P
Tri-Axis Inertial Sensor
Rev. PrG
ADIS16350PCBZ1 AD-ADIS16350PCBZ1 Datasheet
385Kb / 28P
Tri-Axis Inertial Sensor
Rev. PrG
More results

Similar Description - ADIS16350/PCBZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DE-ACCM3D ETC2-DE-ACCM3D Datasheet
485Kb / 5P
Buffered 짹3g Tri-axis Accelerometer
KXR94-2050 ETC2-KXR94-2050 Datasheet
151Kb / 11P
2g Tri-Axis Accelerometer Specifications
KXRB5-2050 ETC2-KXRB5-2050 Datasheet
437Kb / 13P
Tri-axis Accelerometer Specifications
KXSS5-2057 ETC2-KXSS5-2057 Datasheet
782Kb / 31P
Tri-axis Accelerometer Specifications
KXSS5-4457 ETC2-KXSS5-4457 Datasheet
781Kb / 31P
Tri-axis Accelerometer Specifications
KXTF9-2050 ETC2-KXTF9-2050 Datasheet
1Mb / 49P
Tri-axis Digital Accelerometer Specifications
KXTF9-4100 ETC2-KXTF9-4100 Datasheet
1Mb / 49P
Tri-axis Digital Accelerometer Specifications
KXTH9-2083 ETC2-KXTH9-2083 Datasheet
359Kb / 11P
Tri-axis Analog Accelerometer Specifications
logo
Analog Devices
ADXC1500 AD-ADXC1500 Datasheet
85Kb / 2P
Combined Gyroscope and Dual-Axis Accelerometer
ADXC1501 AD-ADXC1501 Datasheet
92Kb / 2P
Combined Gyroscope and 3-Axis Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com