Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16350/PCBZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADIS16350/PCBZ
Description  Tri Axis Gyroscope & Accelerometer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16350/PCBZ Datasheet(HTML) 4 Page - Analog Devices

  ADIS16350/PCBZ Datasheet HTML 1Page - Analog Devices ADIS16350/PCBZ Datasheet HTML 2Page - Analog Devices ADIS16350/PCBZ Datasheet HTML 3Page - Analog Devices ADIS16350/PCBZ Datasheet HTML 4Page - Analog Devices ADIS16350/PCBZ Datasheet HTML 5Page - Analog Devices ADIS16350/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16350/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16350/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16350/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ADIS16350
Preliminary Technical Data
Rev. PrA | Page 4 of 10
Table 2. (Continued)
ADC INPUT
Resolution
12
Bits
Integral Nonlinearity
±2
LSB
Differential Nonlinearity
±1
LSB
Offset Error
±4
LSB
Gain Error
±2
LSB
Input Range
0
2.5
V
Input Capacitance
During acquisition
20
pF
DAC OUTPUT
5 kΩ/100 pF to GND
Resolution
12
Bits
Relative Accuracy
For Code 101 to Code 4095
4
LSB
Differential Nonlinearity
1
LSB
Offset Error
±5
mV
Gain Error
±0.5
%
Output Range
0 to 2.5
V
Output Impedance
2
Ω
Output Settling Time
10
μs
LOGIC INPUTS
Input High Voltage, VINH
2.0
V
Input Low Voltage, VINL
0.8
V
For −CS signal when used to wake up
from SLEEP mode
0.55
V
Logic 1 Input Current, IINH
VIH = 3.3 V
±0.2
±10
μA
Logic 0 Input Current, IINL
VIL = 0 V
−40
−60
μA
Input Capacitance, CIN
10
pF
DIGITAL OUTPUTS
Output High Voltage, VOH
ISOURCE = 1.6 mA
2.4
V
Output Low Voltage, VOL
ISINK = 1.6 mA
0.4
V
SLEEP TIMER
Timeout Period1
0.5
128
Sec
FLASH MEMORY
Endurance2
20,000
Cycles
Data Retention3
TJ = 55°C
20
Years
Parameter
Conditions
Min
Typ
Max
Unit
ACCELEROMETER NOISE PERFORMANCE
Output Noise
@25°C, no filtering
TBD
LSB rms
Noise Density
@25°C, no filtering
0.072
LSB/√Hz rms
ACCELEROMETER FREQUENCY
RESPONSE
Sensor Bandwidth
350
Hz
Sensor Resonant Frequency
10
kHz
ACCELEROMETER SELF-TEST STATE
Output Change When Active
@25°C
44
80
120
LSB
TEMPERATURE SENSOR
Output at 25°C
1278
LSB
Scale Factor
−2.13
LSB/°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com