Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16350/PCBZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADIS16350/PCBZ
Description  Tri Axis Gyroscope & Accelerometer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16350/PCBZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADIS16350/PCBZ Datasheet HTML 2Page - Analog Devices ADIS16350/PCBZ Datasheet HTML 3Page - Analog Devices ADIS16350/PCBZ Datasheet HTML 4Page - Analog Devices ADIS16350/PCBZ Datasheet HTML 5Page - Analog Devices ADIS16350/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16350/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16350/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16350/PCBZ Datasheet HTML 9Page - Analog Devices ADIS16350/PCBZ Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
ADIS16350
Preliminary Technical Data
Rev. PrA | Page 8 of 10
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
o
o
2
3
o
o
4
5
o
o
6
7
o
o
8
9
o
o
10
11
o
o
12
13
o
o
14
15
o
o
16
17
o
o
18
19
o
o
20
21
o
o
22
23
o
o
24
Figure 3. Pin Configuration, Bottom, Pin View
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1
DNC
Do not connect
2
DNC
Do not connect
3
SCLK
I
SPI, Serial clock
4
DOUT
O
SPI, Data output
5
DIN
I
SPI, Data input
6
~CS
I
SPI, Chip Select
7
DIO0
I/O
Digital I/O
8
~RST
I
Reset
9
DIO1
I/O
Digital I/O
10
VCC
S
Power supply
11
VCC
S
Power supply
12
VCC
S
Power supply
13
GND
S
Power ground
14
GND
S
Power ground
15
GND
S
Power ground
16
DNC
N/A
Do not connect
17
DNC
N/A
Do not connect
18
DNC
N/A
Do not connect
19
DNC
N/A
Do not connect
20
AUX_DAC
O
Auxiliary, 12-bit digital-to-analog converter output
21
AUX_ADC
I
Auxiliary, 12-bit, analog-to-digital converter in put
22
Y_ACCL
O
Y-Axis acceleration
23
X_ACCL
O
X-Axis acceleration
24
Z_ACCL
O
Z-Axis acceleration
1 S = supply, O = output, I = input.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com