Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS7688-01-201 Datasheet(PDF) 10 Page - Hosiden Corporation

Part # TCS7688-01-201
Description  Miniature Circular Connectors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOSIDEN [Hosiden Corporation]
Direct Link  https://www.hosiden.co.jp/en/
Logo HOSIDEN - Hosiden Corporation

TCS7688-01-201 Datasheet(HTML) 10 Page - Hosiden Corporation

Back Button TCS7688-01-201 Datasheet HTML 6Page - Hosiden Corporation TCS7688-01-201 Datasheet HTML 7Page - Hosiden Corporation TCS7688-01-201 Datasheet HTML 8Page - Hosiden Corporation TCS7688-01-201 Datasheet HTML 9Page - Hosiden Corporation TCS7688-01-201 Datasheet HTML 10Page - Hosiden Corporation TCS7688-01-201 Datasheet HTML 11Page - Hosiden Corporation TCS7688-01-201 Datasheet HTML 12Page - Hosiden Corporation TCS7688-01-201 Datasheet HTML 13Page - Hosiden Corporation TCS7688-01-201 Datasheet HTML 14Page - Hosiden Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
9
Unit:mm
TCP8600 Series
B Type(Cord Drawing)
TCP8600 Series
A Type(Cord Drawing)
Moulded Type Right Angle Plugs
TCP8680
TCP8685
30
(7)
14
9
∅11
∅8.95
30
(7)
14
9
∅11
∅8.95
Notes:
1. The TCP8600 series plugs are made by insertion molding with cables.
Plugs cannot be sold independently.
2. The insulation materials of the above products are recognized by UL
(94V-0).
3. Combinations with sockets
① Please see Mating Table.
② The combinations of the 5P (a) plug and the 6P socket, the 8P (a)
plug and the 6P socket, and the 8P (a) plug and the 7P socket are not
designed for error connecting prevention.
4. Color: Black, Gray #1, Gray #2
Model No. Table
Pin Arrangement
3
4
5a
6
7
8a
Cord drawing Cord diameter A
A Type
TCP8600
Series
4.8mm
TCP8630
TCP8640
TCP8650
TCP8660
TCP8670
TCP8680
3.8mm
TCP8631
TCP8641
TCP8651
TCP8661
TCP8671
TCP8681
B Type
TCP8600
Series
4.8mm
TCP8635
TCP8645
TCP8655
TCP8665
TCP8675
TCP8685
3.8mm
TCP8636
TCP8646
TCP8656
TCP8666
TCP8676
TCP8686



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com