Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS7688-01-201 Datasheet(PDF) 23 Page - Hosiden Corporation

Part # TCS7688-01-201
Description  Miniature Circular Connectors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOSIDEN [Hosiden Corporation]
Direct Link  https://www.hosiden.co.jp/en/
Logo HOSIDEN - Hosiden Corporation

TCS7688-01-201 Datasheet(HTML) 23 Page - Hosiden Corporation

Back Button TCS7688-01-201 Datasheet HTML 19Page - Hosiden Corporation TCS7688-01-201 Datasheet HTML 20Page - Hosiden Corporation TCS7688-01-201 Datasheet HTML 21Page - Hosiden Corporation TCS7688-01-201 Datasheet HTML 22Page - Hosiden Corporation TCS7688-01-201 Datasheet HTML 23Page - Hosiden Corporation TCS7688-01-201 Datasheet HTML 24Page - Hosiden Corporation TCS7688-01-201 Datasheet HTML 25Page - Hosiden Corporation TCS7688-01-201 Datasheet HTML 26Page - Hosiden Corporation TCS7688-01-201 Datasheet HTML 27Page - Hosiden Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
22
Unit:mm
TCS7943 Series
TCS7910 Series
Chassis Mount Type Sockets
TCS7910-18-201
TCS7943-01-0100
1.5
2
9.5
14.7
∅2.1
14
3
6.7
5
9
∅12
6.8
5.1
∅1
2.1
(18 max.)
Chasis thickness:2mm
■ TCS7910 series with cords.
The TCS7910 series sockets equipped with cables are available as the
TPX series. The following standard models are available. Regarding the
length and color of the cable, please contact us.
Notes: 1. Applicable wire size: AWG #26 (UL1061)
The size of grounding wire is AWG #22.
2. An M3 round terminal (
) can also be used as a
grounding terminal.
1. Model No. TPX3212
(TCS7910 Series − TCS7910 Series)
2. Model No. TPX3213 (TCS7910 Series −
Solder-plated at the Lead Ends)
Model No. Table
Contact
Arrangement
3
4
5a
6
7
8a
8b
3
2
1
4
3
2
1
5
4
3
2
1
(Front View)
6
5
4
3
1
2
7
5
6
4
3
1
2
8
6
7
5
3
4
1
2
8
6
5
3
7
4
1
2
TCS7910
Series
1
0
2-
9
1-
0
1
9
7
S
C
T
1
0
2-
8
1-
0
1
9
7
S
C
T
1
0
2-
7
1-
0
1
9
7
S
C
T
1
0
2-
6
1-
0
1
9
7
S
C
T
1
0
2-
5
1-
0
1
9
7
S
C
T
1
0
2-
4
1-
0
1
9
7
S
C
T
1
0
2-
3
1-
0
1
9
7
S
C
T
TCS7943
Series
TCS7943-01-0100
Notes:
1. Wires are connected to the contacts by crimping.
2. Applicable wire size: AWG #26∼#30
Finished outside diameter: 1 mm max.
3. The socket is equipped with a cable.
Regarding the length and color of the cord, please contact us.
4. Contacts are not included. To crimp the contacts, a special tool is required.
5. Combinations with plugs
① Can be fit with the TCP8500 series and TCP8600 series.
② The combinations of the 6P socket and the 5P (a) plug, the 6P socket and
the 8P (a) plug, and the 7P socket and 8P (a) plug are not designed for
error connecting prevention.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com