Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS7688-01-201 Datasheet(PDF) 16 Page - Hosiden Corporation

Part # TCS7688-01-201
Description  Miniature Circular Connectors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOSIDEN [Hosiden Corporation]
Direct Link  https://www.hosiden.co.jp/en/
Logo HOSIDEN - Hosiden Corporation

TCS7688-01-201 Datasheet(HTML) 16 Page - Hosiden Corporation

Back Button TCS7688-01-201 Datasheet HTML 12Page - Hosiden Corporation TCS7688-01-201 Datasheet HTML 13Page - Hosiden Corporation TCS7688-01-201 Datasheet HTML 14Page - Hosiden Corporation TCS7688-01-201 Datasheet HTML 15Page - Hosiden Corporation TCS7688-01-201 Datasheet HTML 16Page - Hosiden Corporation TCS7688-01-201 Datasheet HTML 17Page - Hosiden Corporation TCS7688-01-201 Datasheet HTML 18Page - Hosiden Corporation TCS7688-01-201 Datasheet HTML 19Page - Hosiden Corporation TCS7688-01-201 Datasheet HTML 20Page - Hosiden Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
15
Unit:mm
Horizontal Sockets
h=6.5mm
h=6.5mm
TCS7976 Series
TCS7969 Series
Reverse key groove type
TCS7976-14-201
TCS7969-14-101
Arrangement
4
3
1
2
Arrangement
1
2
3
4
14
1
1.5
10
Separate Cover
Note: The cover consists of two parts allowing it to be used as a 1P-1T switch when a plug is
inserted.
14
1
1.5
10
Separate Cover
Note: The cover consists of two parts allowing it to be used as a 1P-1T switch when a plug is
inserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com