Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS7688-01-201 Datasheet(PDF) 24 Page - Hosiden Corporation

Part # TCS7688-01-201
Description  Miniature Circular Connectors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOSIDEN [Hosiden Corporation]
Direct Link  https://www.hosiden.co.jp/en/
Logo HOSIDEN - Hosiden Corporation

TCS7688-01-201 Datasheet(HTML) 24 Page - Hosiden Corporation

Back Button TCS7688-01-201 Datasheet HTML 20Page - Hosiden Corporation TCS7688-01-201 Datasheet HTML 21Page - Hosiden Corporation TCS7688-01-201 Datasheet HTML 22Page - Hosiden Corporation TCS7688-01-201 Datasheet HTML 23Page - Hosiden Corporation TCS7688-01-201 Datasheet HTML 24Page - Hosiden Corporation TCS7688-01-201 Datasheet HTML 25Page - Hosiden Corporation TCS7688-01-201 Datasheet HTML 26Page - Hosiden Corporation TCS7688-01-201 Datasheet HTML 27Page - Hosiden Corporation TCS7688-01-201 Datasheet HTML 28Page - Hosiden Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
23
Unit:mm
TCS71□5
Quick Lock Type
TCS7909/TCS7908 Series
Sockets with Cable
TCS7909-18-0100
TCS7185-210105
∅13.4
∅11.4
∅A
50
39
6
∅5.2
54
5
1
4.2
12.6
40
Model No. Table
Contact Arrangement
4
5a
6
8a
8b
Suitable Cable Dia A Color
4.8 mm
TCS7909 Series
Black
TCS7909-14-0100 TCS7909-15-0100 TCS7909-16-0100 TCS7909-18-0100 TCS7909-19-0100
Gray#1 TCS7909-14-0200 TCS7909-15-0200 TCS7909-16-0200 TCS7909-18-0200 TCS7909-19-0200
Gray#2 TCS7909-14-0300 TCS7909-15-0300 TCS7909-16-0300 TCS7909-18-0300 TCS7909-19-0300
3.8 mm
TCS7908 Series
Black
TCS7908-14-0100 TCS7908-15-0100 TCS7908-16-0100 TCS7908-18-0100 TCS7908-19-0100
Gray#1 TCS7908-14-0200 TCS7908-15-0200 TCS7908-16-0200 TCS7908-18-0200 TCS7908-19-0200
Gray#2 TCS7908-14-0300 TCS7908-15-0300 TCS7908-16-0300 TCS7908-18-0300 TCS7908-19-0300
Notes:
1. Wires are connected to the contacts by crimping. The type of the contacts are
shown in the table below.
2. The insulation materials of the products are not recognized by UL but products
with insulation materials recognized by UL are also available.
Please contact us for details.
3. The socket is equipped with a cable.
4. Contacts are not included. To crimp the contacts, a special tool is required.
5. Combinations with plugs
① Can be fit with the TCP8500 series and TCP8600 series.
② The combinations of the 5P (a) plug and the 6P socket, the 8P (a) plug, and
the 6P socket, and the 8P (a) plug and the 7P socket are not designed for
error connecting prevention.
Part No.of Contact Applicable Wire Size Finished Outside Diameter
4
5a
6, 7
8a
8b
TCS9200-10-010
AWG #26∼30
∅1 max.
All
All
All
All
All
TCS9200-11-010
AWG #22∼24
∅1.3 max.
All
All
3, 4, 5, 6
3, 5
3, 5
Model No. Table
Contact Arrangement
4
6
8a
TCS71□5 Series
TCS7145-210105 TCS7165-210105 TCS7185-210105
Notes:
1. Combinations with plugs: TCP7100 Series
2. The TCS71□5 series are sold as products with cable (TPX series).
Please see Drawing and Specification for details.
3. Color: Black, Gray #1, Gray #2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com