Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS7688-01-201 Datasheet(PDF) 25 Page - Hosiden Corporation

Part # TCS7688-01-201
Description  Miniature Circular Connectors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOSIDEN [Hosiden Corporation]
Direct Link  https://www.hosiden.co.jp/en/
Logo HOSIDEN - Hosiden Corporation

TCS7688-01-201 Datasheet(HTML) 25 Page - Hosiden Corporation

Back Button TCS7688-01-201 Datasheet HTML 21Page - Hosiden Corporation TCS7688-01-201 Datasheet HTML 22Page - Hosiden Corporation TCS7688-01-201 Datasheet HTML 23Page - Hosiden Corporation TCS7688-01-201 Datasheet HTML 24Page - Hosiden Corporation TCS7688-01-201 Datasheet HTML 25Page - Hosiden Corporation TCS7688-01-201 Datasheet HTML 26Page - Hosiden Corporation TCS7688-01-201 Datasheet HTML 27Page - Hosiden Corporation TCS7688-01-201 Datasheet HTML 28Page - Hosiden Corporation TCS7688-01-201 Datasheet HTML 29Page - Hosiden Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
24
Unit:mm
TCS72□6 Series
TCS72□2 Series
TCS71□7 Series
h=6.5mm
h=6.5mm
h=6.5mm
Horizontal Sockets (Quick Lock Type)
TCS7187-012177
EMI-Proof
TCS7282-0121177
EMI-Proof
TCS7286-0124177
EMI-Proof
14
14.5 max.
13.8
12.5
13
14.6
M3×0.5 TAP
Notes:
1. Combinations with plugs
① Can be fit with the TCP7100 series.
② Connection with the TCP8500 series, the TCP8600 series and the TCP8300
series are possible, but some specifications are not applicable. Please inquire
concerning special specification.
③ The combinations of the 6P socket and the 5P (a) plug, the 6P socket and the
8P (a) plug, and the 7P socket and 8P (a) plug are not designed for error con-
necting prevention.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com