Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS02A10-32SW Datasheet(PDF) 15 Page - ITT Industries

Part # MS02A10-32SW
Description  KPSE High performance crimp contact connectors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MS02A10-32SW Datasheet(HTML) 15 Page - ITT Industries

Back Button MS02A10-32SW Datasheet HTML 11Page - ITT Industries MS02A10-32SW Datasheet HTML 12Page - ITT Industries MS02A10-32SW Datasheet HTML 13Page - ITT Industries MS02A10-32SW Datasheet HTML 14Page - ITT Industries MS02A10-32SW Datasheet HTML 15Page - ITT Industries MS02A10-32SW Datasheet HTML 16Page - ITT Industries MS02A10-32SW Datasheet HTML 17Page - ITT Industries MS02A10-32SW Datasheet HTML 18Page - ITT Industries MS02A10-32SW Datasheet HTML 19Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
A-52
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
A
Cannon KPT/KPSE
MIL-C-26482 Series I Connectors
KPT Connectors with P.C. Tail Contacts
Box Mounting Receptacle – KPT2 EW/EX
Jam Nut Receptacle – KPT7 EW/EX
KPT2E-PDV
P.C. Tail diameter
P.C. tail extension from
the rear of the shell flange
Contact Size
20
.025 ±.001 Diameter
16
.040 ±.001 Diameter
P.C. contacts to extend .600" ± .032" from rear of shell flange.
Contact factory for additional requirements.
Shell
Size
8
10
12
14
16
18
20
22
24
A
+0,03 -0,13
12,00
15,00
19,05
22,23
25,40
28,58
31,75
34,93
38,10
K
+0,25
13,50
13,50
13,50
13,50
13,50
13,50
16,50
16,50
17,30
L
max.
21,1
21,1
21,1
21,1
21,1
21,1
22,7
22,7
22,7
M
±0,15
11,60
11,60
11,60
11,60
11,60
11,60
14,25
14,25
15,10
N
max.
11,10
14,30
17,50
20,60
23,80
27,00
30,20
33,40
36,50
R
±0,15
15,10
18,30
20,60
23,00
24,60
27,00
29,40
31,70
34,90
S
max.
21,00
24,20
26,60
29,00
31,30
33,70
36,90
40,10
43,30
Ø T
±0,15
3,05
3,05
3,05
3,05
3,05
3,05
3,05
3,05
3,75
Shell
Size*
8
10
12
14
16
18
20
22
24
A
+0,03 -0,13
12,00
15,00
19,05
22,23
25,40
28,58
31,75
34,93
38,10
F
+0,15
13,3
16,5
20,6
23,8
26,9
30,1
33,3
36,5
39,6
H
±0,15
19,0
22,2
27,0
30,2
33,3
36,5
39,7
42,9
46,0
K
±0,25
3,2
3,2
3,2
3,2
3,2
3,2
4,0
4,0
4,0
M
±0,15
17,7
17,7
17,7
17,7
17,7
17,7
22,5
22,5
23,3
R
Thread Type 2 A
9/16-24UNEF
11/16-24UNEF
7/8-20UNEF
1-20UNEF
1-1/8-18UNEF
1-1/4-18UNEF
1-3/8-18UNEF
1-1/2-18UNEF
1-5/8-18UNEF
S
±0,5
2,40
2,70
3,20
3,50
3,85
4,15
4,60
4,95
5,25
Y
max.
28,0
31,0
36,0
39,0
42,0
45,0
50,0
55,0
57,0
Panel Thickness
min.
1,6
1,6
1,6
1,6
1,6
1,6
1,6
1,6
1,6
ca_A1-A163.qxd:Layout 1
2/9/11
7:49 PM
Page 52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com