Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS02A10-32SW Datasheet(PDF) 11 Page - ITT Industries

Part # MS02A10-32SW
Description  KPSE High performance crimp contact connectors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MS02A10-32SW Datasheet(HTML) 11 Page - ITT Industries

Back Button MS02A10-32SW Datasheet HTML 7Page - ITT Industries MS02A10-32SW Datasheet HTML 8Page - ITT Industries MS02A10-32SW Datasheet HTML 9Page - ITT Industries MS02A10-32SW Datasheet HTML 10Page - ITT Industries MS02A10-32SW Datasheet HTML 11Page - ITT Industries MS02A10-32SW Datasheet HTML 12Page - ITT Industries MS02A10-32SW Datasheet HTML 13Page - ITT Industries MS02A10-32SW Datasheet HTML 14Page - ITT Industries MS02A10-32SW Datasheet HTML 15Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
A-48
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
A
Right Angle Plugs
KPT08/KPSE08
Right Angle Plugs with Termination Assemblies
KPT/KPSE
Shell
A Dia.
G
Q Thread
Size
Max.
Max.
Class 2A
†8
.765 (19.43)
.782 (19.86)
7/16-28UNEF
10
.866 (22.00)
.926 (23.52)
9/16-24UNEF
12
1.031 (26.20)
1.043 (26.49)
11/16-24UNEF
14
1.157 (29.40)
1.183 (30.05)
13/16-20UNEF
16
1.291 (32.80)
1.305 (33.15)
15/16-20UNEF
18
1.394 (35.40)
1.391 (35.33)
1-1/16-18UNEF
20
1.535 (39.00)
1.531 (38.89)
1-3/16-18UNEF
22
1.657 (42.10)
1.656 (42.06)
1-5/16-18UNEF
24
1.780 (45.20)
1.777 (45.14)
1-7/16-18UNEF
† Not available in KPSE
NOTE: for size 10 and 24 consult factory for availability in type A,B,E and F.
For size 8 consult factory for availability in Type P.
TYPE A and E
TYPE B and F
TYPE P
Shell
LAE
DAE
V Thread
DBF
LBF
L
AP
LP
CP
Size
Max.
Max.
Class 2A
Max.
Max.
Max.
Max.
Min.
Max.
†8
1.421 (36.09)
.822 (20.88)
1/2-28UNEF
1.238 (31.44)
1.421 (36.09)
1.842 (46.79)
-(-)
-(-)
-(-)
10
1.484 (37.69)
.853 (21.67)
5/8-28UNEF
1.269 (32.24)
1.484 (37.69)
1.937 (49.20)
1.030 (26.16)
1.380 (35.05)
.252 (6.40)
12
1.546 (39.27)
.916 (23.27)
3/4-20UNEF
1.395 (35.43)
1.546 (39.27)
2.091 (53.10)
1.030 (26.16)
1.567 (39.80)
.252 (6.40)
14
1.577 (40.05)
.978 (24.84)
7/8-20UNEF
1.519 (38.58)
1.577 (40.05)
2.173 (55.20)
1.030 (26.16)
1.567 (39.80)
.283 (7.19)
16
1.609 (40.87)
1.041 (26.44)
1-20UNEF
1.582 (40.18)
1.609 (40.87)
2.238 (56.85)
1.280 (32.51)
1.567 (39.80)
.355 (9.02)
18
1.734 (44.04)
1.103 (28.70)
1-3/16-18UNEF
1.644 (41.76)
1.734 (44.04)
2.455 (62.35)
1.280 (32.51)
1.755 (44.58)
.530 (13.46)
20
1.879 (47.73)
1.166 (29.62)
1-3/16-18UNEF
1.707 (43.36)
1.879 (47.73)
2.629 (66.78)
1.530 (38.86)
1.782 (45.26)
.562 (14.27)
22
2.035 (51.69)
1.245 (31.62)
1-7/16-18UNEF
1.884 (47.85)
2.035 (51.69)
2.815 (71.51)
1.530 (38.86)
1.782 (45.26)
.562 (14.27)
24
2.035 (51.69)
1.322 (33.58)
1-7/16-18UNEF
1.963 (49.86)
2.035 (51.69)
2.902 (73.70)
1.780 (45.21)
2.087 (53.01)
.610 (15.49)
† Not available in KPSE.
NOTE: For size 10 and 24 consult factory for availability in type A,B,E and F. For size 8 consult factory for availability in Type P.
KPT08
G
POLARIZING
BOSS
Q THD
A
DIA
A
DIA
Q THD
GROMMET FOR
TYPES E&F
GROMMET FOR
TYPES A,B,J&P
KPSE08
AP
CP
LP
DBF
L MAX
LBF
DAE
LAE
V THD
Cannon KPT/KPSE
MIL-C-26482 Series I Connectors
ca_A1-A163.qxd:Layout 1
2/9/11
7:49 PM
Page 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com