Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS02A10-32SW Datasheet(PDF) 12 Page - ITT Industries

Part # MS02A10-32SW
Description  KPSE High performance crimp contact connectors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MS02A10-32SW Datasheet(HTML) 12 Page - ITT Industries

Back Button MS02A10-32SW Datasheet HTML 8Page - ITT Industries MS02A10-32SW Datasheet HTML 9Page - ITT Industries MS02A10-32SW Datasheet HTML 10Page - ITT Industries MS02A10-32SW Datasheet HTML 11Page - ITT Industries MS02A10-32SW Datasheet HTML 12Page - ITT Industries MS02A10-32SW Datasheet HTML 13Page - ITT Industries MS02A10-32SW Datasheet HTML 14Page - ITT Industries MS02A10-32SW Datasheet HTML 15Page - ITT Industries MS02A10-32SW Datasheet HTML 16Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
A-49
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
A
KPSE High performance crimp contact connectors
How to Order – KPTB Thru-Bulkhead Receptacle Connectors
SPECIFICATION
SHELL STYLE
SHELL SIZE
CONTACT ARRANGEMENT
CONTACT TYPE
ALTERNATE INSERT POSITION
SPECIFICATION
SHELL STYLE
A -wall mounting receptacle with straight endbell
B -wall mounting receptacle with cable clamp
C -box mounting receptacle
D -jam nut receptacle
E -jam nut receptacle with cable clamp
J -straight plug with adapter DN
K -straight plug with cable clamp
M -straight plug, version DZ
N -straight plug
S -jam nut receptacle with adapter DN
T -jam nut receptacle, version DZ
• General Purpose
• Double ended pin and socket contacts
• Contains KPT socket insert
• Nonremovable contacts
KPTB connectors are a series of general
purpose, miniature circular connectors,
qualified for use in military applications.
They are also widely used in industrial
applications. The KPTB in a thru-bulk-
head version with double faced pin and
socket insert construction allowing
mating from both ends. They contain
KPT socket inserts with feed-thru
(pin/socket) non-removable contacts.
The thru-bulkhead receptacle is provided
for applications requiring the disconnec-
tion of a power source from either side
of a panel. A typical connector to be
used if air leakage requirements are
critical.
M
Shell
A Dia.
K
L
+.031 (+.79)
R*
S
T
Size ±.003 (±.08)
±.016 (±.406)
Max.
-.000 (-.00)
(TP)
Max.
±.005 (±.127)
8
.471 (11.96)
.062 (1.57)
1.125 (28.58)
.562 (14.27)
.594 (15.09)
7/16-28UNEF
.120 (3.05)
10
.588 (14.94)
.062 (1.57)
1.125 (28.58)
.562 (14.27)
.719 (18.26)
9/16-24UNEF
.120 (3.05)
12
.748 (19.00)
.062 (1.57)
1.125 (28.58)
.562 (14.27)
.812 (20.62)
11/16-24UNEF
.120 (3.05)
14
.873 (22.17)
.062 (1.57)
1.125 (28.58)
.562 (14.27)
.906 (23.01)
13/16-20UNEF
.120 (3.05)
16
.998 (25.35)
.062 (1.57)
1.125 (28.58)
.562 (14.27)
.969 (24.61)
15/16-20UNEF
.120 (3.05)
18
1.123 (28.52)
.062 (1.57)
1.125 (28.58)
.562 (14.27) 1.062 (26.97) 1-1/16-18UNEF
.120 (3.05)
20
1.248 (31.70)
.094 (2.39)
1.406 (35.71)
.688 (17.48) 1.156 (29.36) 1-3/16-18UNEF
.120 (3.05)
22
1.373 (34.87)
.094 (2.39)
1.406 (35.71)
.688 (17.48) 1.250 (31.76) 1-5/16-18UNEF
.120 (3.05)
24
1.498 (38.05)
.094 (2.39)
1.406 (35.71)
.688 (17.48) 1.375 (34.92) 1-7/16-18UNEF
.147 (3.73)
KPTB 22 - 55
PS
Y
SERIES PREFIX
SHELL SIZE
CONTACT ARRANGEMENT
CONTACT STYLE (pin & socket)
ALTERNATE INSERT POSITION
MS3119 E 22 - 55
Y
MIL-C-26482 PREFIX
CLASS
SHELL SIZE
CONTACT ARRANGEMENT
ALTERNATE INSERT POSITION
VG 95328
A
18
-
1
S
N
MS3119 (MS service class E)
KPTB (MS service class E)
SHELL SIZES
8, 10, 12, 14, 16, 18, 20, 22, and 24
CONTACT ARRANGEMENTS
see page A-41
CONTACT TYPE
P -Pin
S -Socket
ALTERNATE INSERT POSITION
see page A-42
How to order acc. to VG 95328
Cannon KPT/KPSE
MIL-C-26482 Series I Connectors
*(T.P.) located within .010 T.P. with respect to the
diameter A and master keyway.
PIN
SIDE
A
M
K
SKT
SIDE
A
L
T DIA.
4 MTG. HOLES
POLARIZING
GROOVE
.140 RAD.
MAX.
S TYP
R (TP)
ca_A1-A163.qxd:Layout 1
2/9/11
7:49 PM
Page 49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com