Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS02A10-32SW Datasheet(PDF) 2 Page - ITT Industries

Part # MS02A10-32SW
Description  KPSE High performance crimp contact connectors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MS02A10-32SW Datasheet(HTML) 2 Page - ITT Industries

  MS02A10-32SW Datasheet HTML 1Page - ITT Industries MS02A10-32SW Datasheet HTML 2Page - ITT Industries MS02A10-32SW Datasheet HTML 3Page - ITT Industries MS02A10-32SW Datasheet HTML 4Page - ITT Industries MS02A10-32SW Datasheet HTML 5Page - ITT Industries MS02A10-32SW Datasheet HTML 6Page - ITT Industries MS02A10-32SW Datasheet HTML 7Page - ITT Industries MS02A10-32SW Datasheet HTML 8Page - ITT Industries MS02A10-32SW Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
A-39
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
A
KPSE High performance crimp contact connectors
KPSE High performance crimp
contact connectors
• High performance
• Crimp termination
• Closed entry socket contacts
Series KPSE environmental, miniature circu-
lar,
quick
disconnect
connectors
are
designed for the exacting requirements of
today’s electronic industry.
They are intermateable, intermountable and
interchangeable with all connectors manu-
factured acc. to MIL-C-26482 and VG95328.
1 Standard MIL-C-26482 mates with any
connector designed to MIL-C-26482 and
VG 95328.
2 Crimp, snap-in contacts are designed to MIL-C-
39029 and can be crimped with the standard
M22520/1 crimp tool.
Closed-entry socket contacts eliminate dam-
age from abuse by test probes and
help to correct any misaligned pins during
engagement
Contact insertion is accomplished from the
rear of the connector. When the contact is fully
inserted, the clip tines snap securely behind the
contact shoulder.
Contact extraction is accomplished with a
front-inserted tool. Pressing the tool plunger
pushes the contact out through
the rear of the connector.
3 Monobloc insulator does not leave any access
to moisture and avoids interfacial empty space.
4 Contact retaining clip is completely encased in
a tough plastic wafer to protect the clip from
damage
Complete moisture sealing is achieved by
combining four seals: shell, peripheral, interfa-
cial and wire seals
Shell Seal is effected when the plug shell push-
es against the sealing ring in the
receptacle when the connectors are mated.
Peripheral Seal around the edge of the pin
insulator is designed so that mating the connec-
tor puts tension on the seal and greatly reduces
compression set.
Interfacial Seal is achieved by the insutor faces
meeting when the plug and receptacle are
mated.
Wire Seal is accomplished by a multiple ripple
design, exceeding the wire sealing requirements
of MIL-C-26482.
5 Positive insert-to-shell mechanical retention
with hard plastic wafer firmly locked into a
groove in the shell, in addition to a strong
adhesive bond between the insert and shell.
Cannon KPT/KPSE
MIL-C-26482 Series I Connectors
ca_A1-A163.qxd:Layout 1
2/9/11
7:49 PM
Page 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com