Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS02A10-32SW Datasheet(PDF) 10 Page - ITT Industries

Part # MS02A10-32SW
Description  KPSE High performance crimp contact connectors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MS02A10-32SW Datasheet(HTML) 10 Page - ITT Industries

Back Button MS02A10-32SW Datasheet HTML 6Page - ITT Industries MS02A10-32SW Datasheet HTML 7Page - ITT Industries MS02A10-32SW Datasheet HTML 8Page - ITT Industries MS02A10-32SW Datasheet HTML 9Page - ITT Industries MS02A10-32SW Datasheet HTML 10Page - ITT Industries MS02A10-32SW Datasheet HTML 11Page - ITT Industries MS02A10-32SW Datasheet HTML 12Page - ITT Industries MS02A10-32SW Datasheet HTML 13Page - ITT Industries MS02A10-32SW Datasheet HTML 14Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
A-47
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
A
Jam Nut Receptacles
Jam Nut Receptacles with Termination Assemblies
MT
Shell
A
A
H
K
+.031 (+.08)
N
S
Panel Thickness
R Thread
Size
±.003 (±.08)
±.005 (0.130) ±.017 (±.43)
±.020 (±.05)
-.000 (-.00)
Max.
Max.
Min.
Max.
Class 2A
†8
.471 (11.96)
.525 (13.34)
.750 (19.05)
.117 (2.97)
.691 (17.55)
1.078 (27.38)
.954 (15.09)
.062 (1.57)
.125 (3.17)
9/16-24UNEF
10
.588 (14.96)
.650 (16.51)
.875 (22.22)
.117 (2.97)
.691 (17.55)
1.206 (30.56)
1.078 (27.38)
.062 (1.57)
.125 (3.17)
11/16-24UNEF
12
.748 (19.00)
.813 (20.65)
1.062 (26.97)
.117 (2.97)
.691 (17.55)
1.319 (35.33)
1.266 (32.16)
.062 (1.57)
.125 (3.17)
7/8-20UNEF
14
.873 (22.17)
.937 (23.80)
1.188 (30.17)
.117 (2.97)
.691 (17.55)
1.516 (38.51)
1.391 (35.33)
.062 (1.57)
.125 (3.17)
1-20UNEF
16
.998 (25.35)
1.061 (26.95)
1.312 (33.32)
.117 (2.97)
.691 (17.55)
1.641 (41.68)
1.516 (38.51)
.062 (1.57)
.125 (3.17)
1-1/8-18UNEF
18
1.123 (28.52)
1.186 (30.12)
1.438 (36.25)
.117 (2.97)
.691 (17.55)
1.766 (44.86)
1.641 (41.68)
.062 (1.57)
.125 (3.17)
1-1/4-18UNEF
20
1.248 (31.70)
1.311 (33.30)
1.562 (39.67)
.148 (3.76)
.879 (22.33)
1.954 (49.63)
1.828 (46.43)
.062 (1.57)
.250 (6.35)
1-3/8-18UNEF
22
1.373 (34.87)
1.436 (36.47)
1.688 (42.87)
.148 (3.76)
.879 (22.33)
2.078 (52.78)
1.954 (49.63)
.062 (1.57)
.250 (6.35)
1-1/2-18UNEF
24
1.498 (38.05)
1.561 (39.65)
1.812 (46.02)
.148 (3.76)
.912 (23.16)
2.203 (55.96)
2.078 (52.78)
.062 (1.57)
.250 (6.35)
1-5/8-18UNEF
† Not available in KPSE
MS3114 (MS service class E,F,P)
KPT07
MS3124 (MS service class E,F,P)
KPSE07
M
K
Q THD
T
R THD
A
DIA
R THD
A
DIA
M
K
H
S
N DIA
F
MTG
FLAT
GROMMET FOR
TYPE E&F
GROMMET FOR
TYPE A,B&P
SOLDER
KPT07/MS3114
CRIMP
KPSE07MS3124
TYPE A
TYPE B and F
TYPE E
TYPE P
Shell
Z
HBF
GBF
LBF
BE
LE
BP
DP
LP
Size
Max.
Max.
Min.
Max.
Max.
Max.
Max.
Min.
Max.
†8
.312 (7.92)
.828 (21.03)
.115 (2.92)
1.906 (48.41)
.655 (16.64) 1.344 (34.14)
.608 (15.44)
.317 (8.05)
1.391 (35.33)
10
.312 (7.92)
.891 (22.63)
.178 (4.52)
1.906 (48.41)
.843 (21.41) 1.344 (34.14)
.734 (18.64)
.434 (11.02) 1.391 (35.33)
12
.312 (7.92)
1.016 (25.81)
.302 (7.67)
1.906 (48.41)
.968 (24.59) 1.344 (34.14)
.858 (21.79)
.548 (13.92) 1.391 (35.33)
14
.312 (7.92)
1.141 (28.98)
.365 (9.27)
1.906 (48.41)
1.093 (27.76) 1.344 (34.14)
.984 (24.99)
.673 (17.09) 1.391 (35.33)
16
.312 (7.92)
1.203 (30.56)
.490 (12.45)
2.047 (51.99)
1.218 (30.94) 1.344 (34.14)
1.110 (28.19) .798 (20.27) 1.391 (35.33)
18
.312 (7.92)
1.469 (37.31)
.615 (15.62)
2.078 (52.78)
1.343 (34.11) 1.344 (34.14)
1.234 (31.34) .899 (22.83) 1.391 (35.33)
20
.193 (4.90)
1.469 (37.31)
.615 (15.62)
2.328 (59.13)
1.500 (38.10) 1.594 (40.49)
1.360 (34.54) 1.024 (26.01) 1.641 (41.68)
22
.193 (4.90)
1.656 (42.06)
.740 (18.80)
2.328 (59.13)
1.625 (41.28) 1.594 (40.49)
1.484 (37.69) 1.149 (29.18) 1.641 (41.68)
24
.150 (3.81)
1.750 (44.45)
.790 (20.07)
2.453 (62.31)
1.750 (44.45) 1.641 (41.68)
1.610 (40.89) 1.274 (32.36) 1.703 (43.26)
LBF, LE, and LP are connector overall lengths.
LP
DP
BP
LE
BE
LBF
HBF
GBF
Z
TYPE A
(No Term. Assy.)
Cannon KPT/KPSE
MIL-C-26482 Series I Connectors
ca_A1-A163.qxd:Layout 1
2/9/11
7:49 PM
Page 47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com