Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDS128HE8 Datasheet(PDF) 51 Page - SPANSION

Part # AM29BDS128HE8
Description  128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29BDS128HE8 Datasheet(HTML) 51 Page - SPANSION

Back Button AM29BDS128HE8 Datasheet HTML 47Page - SPANSION AM29BDS128HE8 Datasheet HTML 48Page - SPANSION AM29BDS128HE8 Datasheet HTML 49Page - SPANSION AM29BDS128HE8 Datasheet HTML 50Page - SPANSION AM29BDS128HE8 Datasheet HTML 51Page - SPANSION AM29BDS128HE8 Datasheet HTML 52Page - SPANSION AM29BDS128HE8 Datasheet HTML 53Page - SPANSION AM29BDS128HE8 Datasheet HTML 54Page - SPANSION AM29BDS128HE8 Datasheet HTML 55Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 89 page
background image
May 10, 2006 27024B3
Am29BDS128H/Am29BDS640H
49
D A TA
SH EE T
RDY: Ready
The RDY is a dedicated output that, when the device is
configured in the Synchronous mode, indicates (when
at logic low) the system should wait 1 clock cycle before
expecting the next word of data. The RDY pin is only
controlled by CE#. Using the RDY Configuration
Command Sequence, RDY can be set so that a logic
low indicates the system should wait 2 clock cycles
before expecting valid data.
The following conditions cause the RDY output to be
low: during the initial access (in burst mode), and after
the boundary that occurs every 64 words beginning
with the 64th address, 3Fh.
When the device is configured in Asynchronous Mode,
the RDY is an open-drain output pin which indicates
whether an Embedded Algorithm is in progress or com-
pleted. The RDY status is valid after the rising edge of
the final WE# pulse in the command sequence.
If the output is low (Busy), the device is actively erasing
or programming. (This includes programming in the
Erase Suspend mode.) If the output is in high imped-
ance (Ready), the device is in the read mode, the
standby mode, or in the erase-suspend-read mode.
Table 23, “Write Operation Status,” on page 52 shows
the outputs for RDY.
DQ6: Toggle Bit I
Toggle Bit I on DQ6 indicates whether an Embedded
Program or Erase algorithm is in progress or complete,
or whether the device has entered the Erase Suspend
mode. Toggle Bit I may be read at any address in the
same bank, and is valid after the rising edge of the final
WE# pulse in the command sequence (prior to the
program or erase operation), and during the sector
erase time-out.
During an Embedded Program or Erase algorithm
operation, successive read cycles to any address
cause DQ6 to toggle. When the operation is complete,
DQ6 stops toggling.
After an erase command sequence is written, if all
sectors selected for erasing are protected, DQ6 toggles
for approximately tASP, all sectors protected toggle
time, then returns to reading array data. If not all
selected sectors are protected, the Embedded Erase
algorithm erases the unprotected sectors, and ignores
the selected sectors that are protected.
The system can use DQ6 and DQ2 together to deter-
mine whether a sector is actively erasing or is
erase-suspended. When the device is actively erasing
(that is, the Embedded Erase algorithm is in progress),
DQ6 toggles. When the device enters the Erase
Suspend mode, DQ6 stops toggling. However, the
system must also use DQ2 to determine which sectors
are erasing or erase-suspended. Alternatively, the
system can use DQ7 (see the subsection on DQ7:
Data# Polling).
If a program address falls within a protected sector,
DQ6 toggles for approximately tPSP after the program
command sequence is written, then returns to reading
array data.
DQ6 also toggles during the erase-suspend-program
mode, and stops toggling once the Embedded
Program algorithm is complete.
See the following for additional information: Figure 9,
“Toggle Bit Algorithm,” on page 50, “DQ6: Toggle Bit I”
on page 49 , F i gure 41, “Toggle Bit Timin g s
(During Embedded Algorithm),” on page 76 (toggle bit
timing diagram), and Table 22, “DQ6 and DQ2 Indica-
tions,” on page 51.
Toggle Bit I on DQ6 requires either OE# or CE# to be
deasserted and reasserted to show the change in
state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com