Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDS128HE8 Datasheet(PDF) 84 Page - SPANSION

Part # AM29BDS128HE8
Description  128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29BDS128HE8 Datasheet(HTML) 84 Page - SPANSION

Back Button AM29BDS128HE8 Datasheet HTML 80Page - SPANSION AM29BDS128HE8 Datasheet HTML 81Page - SPANSION AM29BDS128HE8 Datasheet HTML 82Page - SPANSION AM29BDS128HE8 Datasheet HTML 83Page - SPANSION AM29BDS128HE8 Datasheet HTML 84Page - SPANSION AM29BDS128HE8 Datasheet HTML 85Page - SPANSION AM29BDS128HE8 Datasheet HTML 86Page - SPANSION AM29BDS128HE8 Datasheet HTML 87Page - SPANSION AM29BDS128HE8 Datasheet HTML 88Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 89 page
background image
82
Am29BDS128H/Am29BDS640H
27024B3 May 10, 2006
D A TA
SH EE T
AC CHARACTERISTICS
Wait State Decoding Addresses:
A14, A13, A12 = “111”
⇒ Reserved
A14, A13, A12 = “110”
⇒ Reserved
A14, A13, A12 = “101”
⇒ 5 programmed, 7 total
A14, A13, A12 = “100”
⇒ 4 programmed, 6 total
A14, A13, A12 = “011”
⇒ 3 programmed, 5 total
A14, A13, A12 = “010”
⇒ 2 programmed, 4 total
A14, A13, A12 = “001”
⇒ 1 programmed, 3 total
A14, A13, A12 = “000”
⇒ 0 programmed, 2 total
Note: Figure assumes address D0 is not at an address boundary, active clock edge is rising, and wait state is set to “101”.
Figure 48.
Example of Wait States Insertion
Data
AVD#
OE#
CLK
12
3
4
5
D0
D1
01
6
2
7
3
total number of clock cycles
following AVD# falling edge
Rising edge of next clock cycle
following last wait state triggers
next burst data
number of clock cycles
programmed
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com