Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDS128HE8 Datasheet(PDF) 56 Page - SPANSION

Part # AM29BDS128HE8
Description  128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29BDS128HE8 Datasheet(HTML) 56 Page - SPANSION

Back Button AM29BDS128HE8 Datasheet HTML 52Page - SPANSION AM29BDS128HE8 Datasheet HTML 53Page - SPANSION AM29BDS128HE8 Datasheet HTML 54Page - SPANSION AM29BDS128HE8 Datasheet HTML 55Page - SPANSION AM29BDS128HE8 Datasheet HTML 56Page - SPANSION AM29BDS128HE8 Datasheet HTML 57Page - SPANSION AM29BDS128HE8 Datasheet HTML 58Page - SPANSION AM29BDS128HE8 Datasheet HTML 59Page - SPANSION AM29BDS128HE8 Datasheet HTML 60Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 89 page
background image
54
Am29BDS128H/Am29BDS640H
27024B3 May 10, 2006
D A TA
SH EE T
DC CHARACTERISTICS
CMOS COMPATIBLE
Note:
1. Maximum ICC specifications are tested with VCC = VCCmax.
2. VIO= VCC
3. The ICC current listed is typically less than 2 mA/MHz, with OE# at VIH.
4. ICC active while Embedded Erase or Embedded Program is in progress.
5. Device enters automatic sleep mode when addresses are stable for tACC + 60 ns. Typical sleep mode current is equal to ICC3.
6. Total current during accelerated programming is the sum of VACC and VCC currents.
Parameter Description
Test Conditions Note: 1 & 2
Min
Typ
Max
Unit
ILI
Input Load Current
VIN = VSS to VCC, VCC = VCCmax
±1
µA
ILO
Output Leakage Current
VOUT = VSS to VCC, VCC = VCCmax
±1
µA
ICCB
VCC Active burst Read Current
CE# = VIL, OE# = VIH,
WE# = VIH, burst length
= 8
54 MHz
9
17
mA
CE# = VIL, OE# = VIH,
WE# = VIH, burst length
= 16
54 MHz
8
15.5
mA
CE# = VIL, OE# = VIH,
WE# = VIH, burst length
= Continuous
54 MHz
7
14
mA
IIO1
VIO Non-active Output
OE# = VIH
140
µA
ICC1
VCC Active Asynchronous Read
Current (Note 3)
CE# = VIL, OE# = VIH,
WE# = VIH
10 MHz
20
30
mA
5 MHz
10
15
mA
1 MHz
3.55mA
ICC2
VCC Active Write Current (Note 4)
CE# = VIL, OE# = VIH, ACC = VIH
15
40
mA
ICC3
VCC Standby Current (Note 5)
CE# = RESET# = VCC ± 0.2 V
0.2
40
µA
ICC4
VCC Reset Current
RESET# = VIL, CLK = VIL
140
µA
ICC5
VCC Active Current
(Read While Write)
CE# = VIL, OE# = VIH
25
60
mA
ICC6
VCC Sleep Current
CE# = VIL, OE# = VIH
140
µA
IACC
Accelerated Program Current
(Note 6)
CE# = VIL, OE# = VIH,
VACC = 12.0 ± 0.5 V
VACC
715
mA
VCC
510
mA
VIL
Input Low Voltage
VIO = 1.8 V
–0.4
0.4
V
VIH
Input High Voltage
VIO = 1.8 V
VIO – 0.4
VIO + 0.4
V
VOL
Output Low Voltage
IOL = 100 µA, VIO = VCC = VCC min
0.1
V
VOH
Output High Voltage
IOH = –100 µA, VIO = VCC = VCC min
VIO – 0.1
V
VID
Voltage for Autoselect and
Temporary Sector Unprotect
VCC = 1.8 V
11.5
12.5
V
VHH
Voltage for Accelerated Program
11.5
12.5
V
VLKO
Low VCC Lock-out Voltage
1.0
1.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com