Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDS128HE8 Datasheet(PDF) 83 Page - SPANSION

Part # AM29BDS128HE8
Description  128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29BDS128HE8 Datasheet(HTML) 83 Page - SPANSION

Back Button AM29BDS128HE8 Datasheet HTML 79Page - SPANSION AM29BDS128HE8 Datasheet HTML 80Page - SPANSION AM29BDS128HE8 Datasheet HTML 81Page - SPANSION AM29BDS128HE8 Datasheet HTML 82Page - SPANSION AM29BDS128HE8 Datasheet HTML 83Page - SPANSION AM29BDS128HE8 Datasheet HTML 84Page - SPANSION AM29BDS128HE8 Datasheet HTML 85Page - SPANSION AM29BDS128HE8 Datasheet HTML 86Page - SPANSION AM29BDS128HE8 Datasheet HTML 87Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 89 page
background image
May 10, 2006 27024B3
Am29BDS128H/Am29BDS640H
81
D A TA
SH EE T
AC CHARACTERISTICS
Notes:
1. RDY active with data (A18 = 0 in the Configuration Register).
2. RDY active one clock cycle before data (A18 = 1 in the Configuration Register).
3. Cxx indicates the clock that triggers Dxx on the outputs; for example, C60 triggers D60. Figure shows the device crossing a
bank in the process of performing an erase or program.
Figure 47.
Latency with Boundary Crossing
into Program/Erase Bank
CLK
Address (hex)
C60
C61
C62
C63
C63
C63
C64
D60
D61
D62
D63
Read Status
(stays high)
AVD#
RDY(1)
Data
OE#,
CE#
(stays low)
Address boundary occurs every 64 words, beginning at address
00003Fh: (00007Fh, 0000BFh, etc.) Address 000000h is also a boundary crossing.
3C
3D
3E
3F
3F
3F
40
latency
RDY(2)
latency
tRACC
tRACC
tRACC
tRACC
Invalid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com