Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDS128HE8 Datasheet(PDF) 67 Page - SPANSION

Part # AM29BDS128HE8
Description  128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29BDS128HE8 Datasheet(HTML) 67 Page - SPANSION

Back Button AM29BDS128HE8 Datasheet HTML 63Page - SPANSION AM29BDS128HE8 Datasheet HTML 64Page - SPANSION AM29BDS128HE8 Datasheet HTML 65Page - SPANSION AM29BDS128HE8 Datasheet HTML 66Page - SPANSION AM29BDS128HE8 Datasheet HTML 67Page - SPANSION AM29BDS128HE8 Datasheet HTML 68Page - SPANSION AM29BDS128HE8 Datasheet HTML 69Page - SPANSION AM29BDS128HE8 Datasheet HTML 70Page - SPANSION AM29BDS128HE8 Datasheet HTML 71Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 89 page
background image
May 10, 2006 27024B3
Am29BDS128H/Am29BDS640H
65
D A TA
SH EE T
AC CHARACTERISTICS
Note: Figure assumes 6 wait states for initial access and synchronous read. The Set Configuration Register command sequence
has been written with A18=0; device will output RDY with valid data.
1) Address is 3Eh or offset by a multiple of 64 (40h)
2) Address is 3Fh or offset by a multiple of 64 (40h)
Figure 29.
Standard Handshake Burst Suspend at Address 3Eh/3Fh (with 1 Access CLK)
Note: Figure assumes 6 wait states for initial access and synchronous read. The Set Configuration Register command sequence
has been written with A18=0; device will output RDY with valid data.
1) Device crosses a page boundary prior to tRCC.
2) Device neither crosses a page boundary nor latches a new address prior to tRCC.
Figure 30.
Read Cycle for Continuous Suspend
Addresses(1)
A(3E)
AVD#
CLK
1
23
4
5
67
x+1
x+2
x+3
x+4
x+5
x+6
x
OE#
Data(1)
Addresses(2)
Data(2)
RDY(2)
(Odd)
RDY(1)
(Even)
D(3E)
D(3F)
D(41)
D(40)
D(42)
D(40)
D(42)
D(41)
D(43)
Suspend
Resume
t
OES
tACC
tRACC
tCKZ
tOES
tOES
tCKA
A(3F)
8
D(3F)
D(3F)
9
tRACC
D(40)
tRACC
tRACC
tRACC
tRACC
Addresses
A(n)
AVD#
Data(2)
CE#
RDY
D(n)
???
tOES
tOES
tCKA
tRACC
tRCC
tRCC
???
1
23
4
5
6
7
x+1
x+2
x+3
x+4
x+5
x+6
x
x+7
x+8
OE#
Data(1)
tACC
D(40)
D(3F)
D(n)
D(n+1)
D(n+2)
D(3F)
D(3F)
CLK
Suspend
Resume



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com