Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC850 Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # MPC850
Description  PowerQUICC™ Integrated Communications Processor Hardware Specifications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC850 Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button MPC850 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 72 page
background image
MPC850 PowerQUICC™ Integrated Communications Processor Hardware Specifications, Rev. 2
42
Freescale Semiconductor
CPM Electrical Characteristics
Figure 38. Parallel I/O Data-In/Data-Out Timing Diagram
8.2
IDMA Controller AC Electrical Specifications
Table 14 provides the IDMA controller timings as shown in Figure 39 to Figure 42.
Figure 39. IDMA External Requests Timing Diagram
Table 14. IDMA Controller Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
40
DREQ setup time to clock high
7.00
—
ns
41
DREQ hold time from clock high
3.00
—
ns
42
SDACK assertion delay from clock high
—
12.00
ns
43
SDACK negation delay from clock low
—
12.00
ns
44
SDACK negation delay from TA low
—
20.00
ns
45
SDACK negation delay from clock high
—
15.00
ns
46
TA assertion to falling edge of the clock setup time (applies to external TA)7.00
—
ns
CLKOUT
DATA-IN
29
31
30
DATA-OUT
41
40
DREQ
(Input)
CLKOUT
(Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com