Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC850 Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # MPC850
Description  PowerQUICC™ Integrated Communications Processor Hardware Specifications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC850 Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button MPC850 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 72 page
background image
MPC850 PowerQUICC™ Integrated Communications Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
59
CPM Electrical Characteristics
8.10
SPI Slave AC Electrical Specifications
Table 23 provides the SPI slave timings as shown in Figure 59 and Figure 60.
Table 23. SPI Slave Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
170
Slave cycle time
2
—
tcyc
171
Slave enable lead time
15.00
—
ns
172
Slave enable lag time
15.00
—
ns
173
Slave clock (SPICLK) high or low time
1
—
tcyc
174
Slave sequential transfer delay (does not require deselect)
1
—
tcyc
175
Slave data setup time (inputs)
20.00
—
ns
176
Slave data hold time (inputs)
20.00
—
ns
177
Slave access time
—
50.00
ns
178
Slave SPI MISO disable time
—
50.00
ns
179
Slave data valid (after SPICLK edge)
—
50.00
ns
180
Slave data hold time (outputs)
0.00
—
ns
181
Rise time (input)
—
15.00
ns
182
Fall time (input)
—
15.00
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com