Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC850 Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # MPC850
Description  PowerQUICC™ Integrated Communications Processor Hardware Specifications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC850 Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button MPC850 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 72 page
background image
MPC850 PowerQUICC™ Integrated Communications Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
57
CPM Electrical Characteristics
Figure 56. SMC Transparent Timing Diagram
8.9
SPI Master AC Electrical Specifications
Table 22 provides the SPI master timings as shown in Figure 57 and Figure 58.
Table 22. SPI Master Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
160
MASTER cycle time
4
1024
tcyc
161
MASTER clock (SCK) high or low time
2
512
tcyc
162
MASTER data setup time (inputs)
50.00
—
ns
163
Master data hold time (inputs)
0.00
—
ns
164
Master data valid (after SCK edge)
—
20.00
ns
165
Master data hold time (outputs)
0.00
—
ns
166
Rise time output
—
15.00
ns
167
Fall time output
—
15.00
ns
SMCLKx
SMRXDx
(Input)
152
150
SMTXDx
(Output)
152
151
151a
154
153
155
154
155
NOTE
NOTE:
This delay is equal to an integer number of character-length clocks.
1.
SMSYNx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com