Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC850 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPC850
Description  PowerQUICC™ Integrated Communications Processor Hardware Specifications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC850 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPC850 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
MPC850 PowerQUICC™ Integrated Communications Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
7
Electrical and Thermal Characteristics
— Separate power supply input to operate internal logic at 2.2 V when operating at or below
25 MHz
— Can be dynamically shifted between high frequency (3.3 V internal) and low frequency (2.2 V
internal) operation
•
Debug interface
— Eight comparators: four operate on instruction address, two operate on data address, and two
operate on data
— The MPC850 can compare using the =,
≠, <, and > conditions to generate watchpoints
— Each watchpoint can generate a breakpoint internally
•
3.3-V operation with 5-V TTL compatibility on all general purpose I/O pins.
3
Electrical and Thermal Characteristics
This section provides the AC and DC electrical specifications and thermal characteristics for the MPC850.
Table 2 provides the maximum ratings.
This device contains circuitry protecting against damage due to high-static voltage or electrical fields;
however, it is advised that normal precautions be taken to avoid application of any voltages higher than
maximum-rated voltages to this high-impedance circuit. Reliability of operation is enhanced if unused
inputs are tied to an appropriate logic voltage level (for example, either GND or VCC). Table 3 provides
the package thermal characteristics for the MPC850.
Table 2. Maximum Ratings
(GND = 0V)
Rating
Symbol
Value
Unit
Supply voltage
VDDH
-0.3 to 4.0
V
VDDL
-0.3 to 4.0
V
KAPWR
-0.3 to 4.0
V
VDDSYN
-0.3 to 4.0
V
Input voltage 1
1
Functional operating conditions are provided with the DC electrical specifications in Table 5. Absolute maximum
ratings are stress ratings only; functional operation at the maxima is not guaranteed. Stress beyond those listed may
affect device reliability or cause permanent damage to the device.
CAUTION: All inputs that tolerate 5 V cannot be more than 2.5 V greater than the supply voltage. This restriction
applies to power-up and normal operation (that is, if the MPC850 is unpowered, voltage greater than 2.5 V must not
be applied to its inputs).
Vin
GND-0.3 to VDDH + 2.5 V
V
Junction temperature 2
2
The MPC850, a high-frequency device in a BGA package, does not provide a guaranteed maximum ambient
temperature. Only maximum junction temperature is guaranteed. It is the responsibility of the user to consider power
dissipation and thermal management. Junction temperature ratings are the same regardless of frequency rating of
the device.
Tj
0 to 95 (standard)
-40 to 95 (extended)
°C
Storage temperature range
Tstg
-55 to +150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com