Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC850 Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # MPC850
Description  PowerQUICC™ Integrated Communications Processor Hardware Specifications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC850 Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button MPC850 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 72 page
background image
MPC850 PowerQUICC™ Integrated Communications Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
55
CPM Electrical Characteristics
Figure 53. Ethernet Collision Timing Diagram
Figure 54. Ethernet Receive Timing Diagram
134
TENA inactive delay (from TCLKx rising edge)
10.00
50.00
ns
138
CLKOUT low to SDACK asserted 2
—
20.00
ns
139
CLKOUT low to SDACK negated 2
—
20.00
ns
1
The ratios SyncCLK/RCLKx and SyncCLK/TCLKx must be greater or equal to 2/1.
2
SDACK is asserted whenever the SDMA writes the incoming frame destination address into memory.
Table 20. Ethernet Timing (continued)
Num
Characteristic
All Frequencies
Unit
Min
Max
CLSN(CTSx)
120
(Input)
RCLKx
121
RXDx
(Input)
121
RENA(CDx)
(Input)
125
124
123
127
126
Last Bit
122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com