Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMD Datasheet(PDF) 2 Page - WAGO Kontakttechnik GmbH & Co. KG

Part # SMD
Description  SMD Terminal Blocks
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Direct Link  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG

SMD Datasheet(HTML) 2 Page - WAGO Kontakttechnik GmbH & Co. KG

  SMD Datasheet HTML 1Page - WAGO Kontakttechnik GmbH & Co. KG SMD Datasheet HTML 2Page - WAGO Kontakttechnik GmbH & Co. KG SMD Datasheet HTML 3Page - WAGO Kontakttechnik GmbH & Co. KG SMD Datasheet HTML 4Page - WAGO Kontakttechnik GmbH & Co. KG SMD Datasheet HTML 5Page - WAGO Kontakttechnik GmbH & Co. KG SMD Datasheet HTML 6Page - WAGO Kontakttechnik GmbH & Co. KG SMD Datasheet HTML 7Page - WAGO Kontakttechnik GmbH & Co. KG SMD Datasheet HTML 8Page - WAGO Kontakttechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SMD Terminal Blocks
A compact and flat printed circuit board connection is
required to achieve the most uniform light distribution, while
minimizing shadowing. WAGO’s SMD terminal blocks, with
their combination of flat design and wide range of potential
uses, completely cover these functionality demands.
Furthermore, assembling 1-, 2- and 3-pole terminal blocks
without losing any poles provides complete flexibility with
a reduced number of variants. All SMD terminal blocks
come in tape-and-reel packaging to ensure full integration
into an automated assembly process.
Applications:
The SMD family offers many advantages allowing for a wide range of applications.
From compact, conventionally wired LED spotlights up to industrially wired, recessed ceiling luminaires,
WAGO’s three SMD terminal block series are the perfect connection between driver and module.
The terminal blocks accommodate a broad range of conductors
making them highly versatile for worldwide applications.
Info
• Low profile minimizes on-board shadowing
• Direct push-in of solid conductors
• Terminal strips of different lengths can be mounted without losing any poles
allowing for a reduced number of variants and lower production costs
• Available in 1–3 pole configurations
• Delivery in tape-and-reel packaging for full integration into SMT soldering process
• Potential for significant savings via automated pick-and-place assembly
Benefits:
4.5
mm
2.7
mm
5.6
mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com