Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMD Datasheet(PDF) 7 Page - WAGO Kontakttechnik GmbH & Co. KG

Part # SMD
Description  SMD Terminal Blocks
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Direct Link  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG

SMD Datasheet(HTML) 7 Page - WAGO Kontakttechnik GmbH & Co. KG

  SMD Datasheet HTML 1Page - WAGO Kontakttechnik GmbH & Co. KG SMD Datasheet HTML 2Page - WAGO Kontakttechnik GmbH & Co. KG SMD Datasheet HTML 3Page - WAGO Kontakttechnik GmbH & Co. KG SMD Datasheet HTML 4Page - WAGO Kontakttechnik GmbH & Co. KG SMD Datasheet HTML 5Page - WAGO Kontakttechnik GmbH & Co. KG SMD Datasheet HTML 6Page - WAGO Kontakttechnik GmbH & Co. KG SMD Datasheet HTML 7Page - WAGO Kontakttechnik GmbH & Co. KG SMD Datasheet HTML 8Page - WAGO Kontakttechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
<_______
_______>
15,2
<_____
_____>
13,8
<____
_____>
0,55
<
____>
2,2
>
15,8
L
<___
___>
6
<>
<_
<
6,5 _>
17
<_________
_________>
6,5
<_
_>
4,5 <
>
2,7 <
_>
1,8
<
> 4,6
1,6
2061 Series, 6 mm Pin Spacing
Pin Spacing
6 mm / 0.24 in
Ratings per
IEC/EN 60664-1
Overvoltage category
III
III
II
Pollution degree
3
2
2
Rated voltage
250 V 320 V 630 V
Rated surge voltage
4 kV
4 kV
4 kV
Rated current
17,5 A 17,5 A 17,5 A
Approvals per
UL
Use group UL 1059
B
C
D
Rated voltage, 1-pole
600 V
–
600 V
Rated voltage, 2 or more poles 300 V
–
300 V
Nominal current UL
10 A
–
10 A
Conductor Data
Connection technology
CAGE CLAMP® S
Conductor size: solid
0.5 – 1.5 mm2
Conductor size: fine-stranded 0.5 – 1.5 mm2
Conductor size: fine-stranded 0.5 – 0.75 mm
2
(with insulated ferrule)
Conductor size: fine-stranded 0.5 – 0.75 mm
2
(with uninsulated ferrule)
AWG
20 – 16
Strip length
7 – 10 mm / 0.28 – 0.39 in
• 5.6 mm high
• Pin spacing: 6 mm
• Terminates conductors from
20 to 16 AWG (0.5 – 1.5 mm2)
• Direct push-in of solid conductors
• Push-buttons for easy connection and removal
of all types of conductors
• Well-suited for automated wiring systems
• Rated data 320 V, 4 kV/2 (III), 17,5 A
• 300 V UL 1059
• Available in 1-, 2- and 3-pole configurations
• Group arrangement is possible without losing any poles
• Available in tape-and-reel packaging
2061 Series
Inserting/removing fine-stranded conductors by lightly pressing on push-button
(e.g., using a 206-861 operating tool).
Application example: LED driver
For Direct Power System Feed-In
Pole No.
Item No.
Pack. Unit
SMD terminal blocks with push-buttons in tape-and-reel packaging, white
Reel diameter: 330 mm
1
2061-601/998-404
8100 (9 x 900)
2
2061-602/998-404
6300 (9 x 700)
3
2061-603/998-404
4050 (9 x 450)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com