Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMD Datasheet(PDF) 5 Page - WAGO Kontakttechnik GmbH & Co. KG

Part # SMD
Description  SMD Terminal Blocks
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Direct Link  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG

SMD Datasheet(HTML) 5 Page - WAGO Kontakttechnik GmbH & Co. KG

  SMD Datasheet HTML 1Page - WAGO Kontakttechnik GmbH & Co. KG SMD Datasheet HTML 2Page - WAGO Kontakttechnik GmbH & Co. KG SMD Datasheet HTML 3Page - WAGO Kontakttechnik GmbH & Co. KG SMD Datasheet HTML 4Page - WAGO Kontakttechnik GmbH & Co. KG SMD Datasheet HTML 5Page - WAGO Kontakttechnik GmbH & Co. KG SMD Datasheet HTML 6Page - WAGO Kontakttechnik GmbH & Co. KG SMD Datasheet HTML 7Page - WAGO Kontakttechnik GmbH & Co. KG SMD Datasheet HTML 8Page - WAGO Kontakttechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
<
2,1
>
L
<___
___>
4
<>
<_
<
6,1 _>
14
<__________
_______>
6
<_
_>
3,5
<
>
0,4
<
___>
4
()
<_______
_______>
12,7
<_____
____>
11,1
<____
____>
13,1
0,4
___>
2060 Series
• 4.5 mm high
• Pin spacing: 4 mm
• Terminates conductors from
24 to 18 AWG (0.2 – 0.75 mm2)
• Direct push-in of solid conductors
• Push-buttons for easy connection and removal
of all types of conductors
• Rated data: 160 V, 2.5 kV/2 (III), 9 A
• Available in 1-, 2- and 3-pole configurations
• Group arrangement is possible without losing any poles
• Available in tape-and-reel packaging
2060 Series, 4 mm Pin Spacing
Pin Spacing
4 mm / 0.157 in
Ratings per
IEC/EN 60664-1
Overvoltage category
III
III
II
Pollution degree
3
2
2
Rated voltage
63 V 160 V 320 V
Rated surge voltage
2.5 kV 2.5 kV 2.5 kV
Rated current
9 A
9 A
9 A
Approvals per
UL 1977
Rated voltage, 1-pole
600 V
Rated voltage, 2 or more poles
250 V
Rated current (UL)
9 A
Conductor Data
Connection technology
CAGE CLAMP® S
Conductor size: solid
0.2 – 0.75 mm2
Conductor size: fine-stranded 0.2 – 0.75 mm2
Conductor size: fine-stranded 0.25 – 0.34 mm2
(with insulated ferrule)
Conductor size: fine-stranded 0.25 – 0.34 mm2
(with uninsulated ferrule)
AWG
24 – 18
Strip length
7 – 9 mm / 0.28 – 0.35 in
Inserting solid conductors via push-in termination.
Inserting/removing fine-stranded conductors by lightly pressing on push-button
(e.g., using a 206-860 operating tool).
For Manual and Automated Wiring Systems
Pole No.
Item No.
Pack. Unit
SMD terminal blocks with push-buttons in tape-and-reel packaging, white
Reel diameter: 330 mm
1
2060-451/998-404
13500 (9 x 1500)
2
2060-452/998-404
9000 (9 x 1000)
3
2060-453/998-404
6750 (9 x 750)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com