Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMD Datasheet(PDF) 4 Page - WAGO Kontakttechnik GmbH & Co. KG

Part # SMD
Description  SMD Terminal Blocks
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Direct Link  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG

SMD Datasheet(HTML) 4 Page - WAGO Kontakttechnik GmbH & Co. KG

  SMD Datasheet HTML 1Page - WAGO Kontakttechnik GmbH & Co. KG SMD Datasheet HTML 2Page - WAGO Kontakttechnik GmbH & Co. KG SMD Datasheet HTML 3Page - WAGO Kontakttechnik GmbH & Co. KG SMD Datasheet HTML 4Page - WAGO Kontakttechnik GmbH & Co. KG SMD Datasheet HTML 5Page - WAGO Kontakttechnik GmbH & Co. KG SMD Datasheet HTML 6Page - WAGO Kontakttechnik GmbH & Co. KG SMD Datasheet HTML 7Page - WAGO Kontakttechnik GmbH & Co. KG SMD Datasheet HTML 8Page - WAGO Kontakttechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1
<_
)
2,5 <
>
8,7
<________>
0,4
<
___>
0,5
<
___>
L <
>
7,4
<__
__>
6,5
<_
_>
7,9
<__
__>
L = (Polzahl x Rastermaß) - 0,1 mm
2059 Series
• Low profile of just 2.7 mm
• Pin spacing: 3 mm
• Terminates solid conductors from
26 to 22 AWG (0.14 – 0.34 mm2)
• Direct push-in of solid conductors
• Easy conductor removal via operating tool
• Rated data: 160 V, 2.5 kV/2 (III), 3 A
• Available in 1-, 2- and 3-pole configurations
• Group arrangement is possible without losing any poles
• Available in tape-and-reel packaging
2059 Series, 3 mm Pin Spacing
Pin Spacing
3 mm / 0.118 in
Ratings per
IEC/EN 60664-1
Overvoltage category
III
III
II
Pollution degree
3
2
2
Rated voltage
63 V 160 V 320 V
Rated surge voltage
2.5 kV 2.5 kV 2.5 kV
Rated current
3 A
3 A
3 A
Conductor Data
Connection technology
PUSH WIRE®
Conductor size: solid
0.14 – 0.34 mm2
AWG
26 – 22 “sol.”
Strip length
4 – 5.5 mm / 0.16 – 0.22 in
Inserting solid conductors via push-in termination.
Easy conductor removal, e.g., via 206-859 operating tool.
L = (pole no. x pin spacing) - 0.1 mm
For the Smallest Installation Spaces
Pole No.
Item No.
Pack. Unit
SMD terminal blocks in tape-and-reel packaging, white
Reel diameter: 330 mm
1
2059-301/998-403
31800 (12 x 2650)
2
2059-302/998-403
21000 (12 x 1750)
3
2059-303/998-403
21000 (12 x 1750)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com