Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMD Datasheet(PDF) 6 Page - WAGO Kontakttechnik GmbH & Co. KG

Part # SMD
Description  SMD Terminal Blocks
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Direct Link  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG

SMD Datasheet(HTML) 6 Page - WAGO Kontakttechnik GmbH & Co. KG

  SMD Datasheet HTML 1Page - WAGO Kontakttechnik GmbH & Co. KG SMD Datasheet HTML 2Page - WAGO Kontakttechnik GmbH & Co. KG SMD Datasheet HTML 3Page - WAGO Kontakttechnik GmbH & Co. KG SMD Datasheet HTML 4Page - WAGO Kontakttechnik GmbH & Co. KG SMD Datasheet HTML 5Page - WAGO Kontakttechnik GmbH & Co. KG SMD Datasheet HTML 6Page - WAGO Kontakttechnik GmbH & Co. KG SMD Datasheet HTML 7Page - WAGO Kontakttechnik GmbH & Co. KG SMD Datasheet HTML 8Page - WAGO Kontakttechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
max. 22
<_____
<_____________________
______>
max. 22
<_____
______>
>
min. 4,4 ‒ max. 5,4
<_____________________
>
min. 4,4 ‒ max. 5,4
0,4
<
___>
2,1
>
<_
<
6,1 _>
14
<__________
_______>
6
<_
_>
3,5
<
>
0,4
<
___>
11,9
<______
______>
8
<___
___>
4
()
<_______
_______>
12,7
<_____
____>
11,1
<____
____>
13,1
2060 Series
The 2-pole SMD terminal block with
8 mm pin spacing has been added to
WAGO’s portfolio, providing higher
rated voltages up to 630 V/6 kV/2 in
LED and industrial applications.
Besides standard wiring, several LED
modules can be easily assembled into
a single string using board-to-board
connection links. This minimizes labor
(no manual wiring) and materials needed
for connecting LED modules.
WAGO’s 2060 Series THR PCB
Terminal Blocks with soldering pins
are ideally suited for THR and wave
soldering. The 2060 Series THR termi-
nal blocks are available in light gray
and black. Additional information at
www.wago.com/2060
2060 Series, 8 mm Pin Spacing
Pin Spacing
8 mm / 0.314 in
Ratings per
IEC/EN 60664-1
Overvoltage category
III
III
II
Pollution degree
3
2
2
Rated voltage
400 V 630 V 1000 V
Rated surge voltage
6 kV
6 kV
6 kV
Rated current
9 A
9 A
9 A
Approvals per
UL 1977
Rated voltage
600 V
Rated current (UL)
9 A
Conductor Data
Connection technology
CAGE CLAMP® S
Conductor size: solid
0.2 – 0.75 mm2
Conductor size: fine-stranded 0.2 – 0.75 mm2
Conductor size: fine-stranded 0.25 – 0.34 mm2
(with insulated ferrule)
Conductor size: fine-stranded 0.25 – 0.34 mm2
(with uninsulated ferrule)
AWG
24 – 18
Strip length
7 – 9 mm / 0.28 – 0.35 in
Pin Spacing
4 mm / 0.157 in
Ratings per
IEC/EN 60664-1
Overvoltage category
III
III
II
Pollution degree
3
2
2
Rated voltage
63 V 160 V 320 V
Rated surge voltage
2.5 kV 2.5 kV 2.5 kV
Rated current
9 A
9 A
9 A
Pole No.
Item No.
Pack. Unit
Board-to-board link for SMD terminal blocks
with push-buttons
1
2060-901
1500
2
2060-902
500
3
2060-903
375
Assembly: Place PCBs on a flat surface and connect
terminal blocks on adjoining PCBs via board-to-board link.
Disassembly: Pull PCBs apart (max. 10 connections/disconnections).
The PCBs must be secured.
Board-To-Board Link
Pin Spacing: 8 mm
THR and Wave Soldering
2060 Series, Board-to-Board Connection Link
Pole No.
Item No.
Pack. Unit
SMD terminal blocks with push-buttons in tape-and-reel packaging, white
Reel diameter: 330 mm
2
2060-852/998-404
6750 (9 x 750)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com