Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDN-C Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SDN-C
Description  SDN-C Compact DIN Rail Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SDN-C Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SDN-C Datasheet HTML 1Page - List of Unclassifed Manufacturers SDN-C Datasheet HTML 2Page - List of Unclassifed Manufacturers SDN-C Datasheet HTML 3Page - List of Unclassifed Manufacturers SDN-C Datasheet HTML 4Page - List of Unclassifed Manufacturers SDN-C Datasheet HTML 5Page - List of Unclassifed Manufacturers SDN-C Datasheet HTML 6Page - List of Unclassifed Manufacturers SDN-C Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Power Supplies
3
Contact
Technical Services at (800) 377-4384 with any questions.
Visit our website at www.solahd.com.
118
Rugged metal housing
The SolaHD Difference
Large, IP20-rated, screw
terminals for #10 AWG/6 mm2,
for quick, easy installation
Multiple output connections for
ease of wiring multiple devices
Single or parallel use
selectable by user
Clearly labeled front panel
Multiple certifications for
versatility in applications
Automatically adjusts for global
Input voltages. No manual
intervention required.
Narrow width
saves panel space
No internal fan, no extra cooling
required in any power level
Adjustable output voltage
DC OK Relay
Visual diagnostic LEDs show
input and output status (see
table below)
LED Light Status Conditions
Normal
AC Power Loss
AC Input Low
No DC
High Load
Overload
Hot
Too Hot
Input
Green
-
Yellow
Green
Green
Green
Green
Green
Output
Green
-
Green
-
Yellow
Yellow
Green
-
Alarm
-
-
-
Red
Yellow
Red
Yellow
Yellow



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com