Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDN-C Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SDN-C
Description  SDN-C Compact DIN Rail Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SDN-C Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SDN-C Datasheet HTML 1Page - List of Unclassifed Manufacturers SDN-C Datasheet HTML 2Page - List of Unclassifed Manufacturers SDN-C Datasheet HTML 3Page - List of Unclassifed Manufacturers SDN-C Datasheet HTML 4Page - List of Unclassifed Manufacturers SDN-C Datasheet HTML 5Page - List of Unclassifed Manufacturers SDN-C Datasheet HTML 6Page - List of Unclassifed Manufacturers SDN-C Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Power Supplies
3
Contact
Technical Services at (800) 377-4384 with any questions.
Visit our website at www.solahd.com.
121
SDN-C Specifications (Three Phase)
Description
Catalog Number
SDN 5-24-480C
SDN 10-24-480C
SDN 20-24-480CC
SDN 40-24-480C
Input
Nominal Voltage
380 - 480 Vac
Two - phase input
Yes 1
-AC Range 2
320 - 540 Vac
-DC Range
450 - 760 Vdc
450 - 760 Vdc
450 - 760 Vdc 10
N/A
-Frequency
50/60 Hz
Nominal Current 3
3 x 0.5 or 2 x 0.7 A
3 x 0.8 or 2 x 1.2 A
3 x 0.9 or 2 x 1.3 A
3 x 1.6 A
-Inrush current max.
Typ. <25 A
Negligible
Negligible
Efficiency (Losses 4)
> 85% (18 W)
91.2% (23.6 W)
93% (42 W)
94% (78 W)
Power Factor Correction
Power factor correction to meet EN61000-3-2 Class A
Active Power Factor Correction
Output
Turn on time
Typ. 1s
Voltage Rise Time
ca. 5-20 ms
<100 ms full resistive load (T
amb =+25°C )
Power Back Immunity
<35 V
Overvoltage Protection
>30.5 but <33 Vdc auto recovery
Nominal Voltage 5
24 V (23.5~28.5 Vdc Adj.)
Voltage Regulation
< ±2 % overall
Initial Voltage Setting
24.5 V ± 1%
-Ripple 6
<100 mVpp
PARD
PARD = 100 mV peak-peak max
PARD = 200 mV peak-peak max
Nominal Current
5 A (120 W)
10 A (240 W)
20 A (480 W) (constant power, not
constant current)
40 A (960 W)
-Peak Current 7
6A, 2×Nominal Current <2sec
12A, 2×Nominal Current <2sec
1.5×Nominal Current for 4 sec minimum while holding voltage > 20Vdc
-Current Limit
PowerBoost™
Derating
typ. 6 W/oC
typ. 12 W/oC
typ. 24 W/oC
typ. 48 W/oC
Holdup Time
>20 ms
>15 ms
Voltage Fall Time
<150 ms from 95% to 10% rated voltage @ full load (T
amb=+25°C)
<50 ms from 95% to 10% rated voltage @ full load (T
amb=+25°C)
Parallel Operation 8
Single or Parallel operation selectable via front switch. For redundant
operation, use of external diode module is preferred
Active Paralleling
General
Case
Fully enclosed metal housing with fine ventilation grid to keep out small parts.
Min. Required
25mm above and below or
15mm in front
25mm above and below or
10mm in front
70mm above and below or
25mm in front and 25mm left & right
70mm above and below, 15mm in
front, 25mm left & right
Free Space
H×W×D inches (mm)
4.85 × 1.97 × 4.36
(123.0 × 50.0 × 111.0)
4.85 × 2.36 × 4.36
(123.0 × 60.0 × 111.0)
4.85 x 3.35 x 4.68
(123.0 x 85.0 x 119.0)
4.85 x 7.09 x 4.66
(123.0 x 180.0 x 119.0)
Weight lbs (kg)
1.2 (.52)
1.5 (0.70)
2.9 (1.30)
5.3 (2.40)
EMC: -Emissions
EN61000-6-3:2001, Class B EN55011, EN55022 Radiated and Conducted including Annex. A, EN61000-3-2
-Immunity
EN61000-6-1:2001, EN61000-6-2:2001, EN61000-4-2 Level 4, EN61000-4-3 Level 3, EN61000-4-6 Level 3,
EN61000-4-4 Level 4 input and level 3 output. EN61000-4-5 Isolation class 4, EN61000-4-11
Temperature
Storage : -40 to + 85oC, Operation -25 to +60oC full power, with linear derating to half power from 60 to 70oC (Convection cooling, no forced air
required). Operation up to 50% load permissible with sideways or front side up mounting orientation.
Humidity
< 90% RH, noncondensing; IEC 60068-2-2, 68-2-3
Altitude
0 to 3000 meters (0 to 10,000 feet)
Vibration
2.5(g) RMS, 10-2000 Hz (random); three axes for 20 minutes each - IEC 60068-2-6
Shock
3(g) peak, three axes, 11mseconds for each axis - IEC 60068-2-27
Warranty
5 Year Limited Warranty
MTBF
>500,000 hrs MTBF (Nominal voltage, full load, T
amb = 25
o
C)
General Protection/Safety
Protected against short -circuit, overload, open circuit. Protection class 1 (IEC536), degree of protection IP20 (IEC 529)
Safe low voltage: SELV (acc. EN60950)
Over-temperature protection
LED Alarm, Output shutdown with automatic restart
Status Indicators
Visual: 3 status LEDs (Input, Output, Alarm) Relay: SSR or dry relay contact, signal active when V
out = 18.5 Vdc = +/-5%
Installation
Fusing: -Input
Externally fused
-Output
Not fused. Output is capable of providing high currents (PowerBoost) for motor load startup.
Mounting
Simple snap-on to DIN TS35/7.5 or TS35/15 rail system.
Unit should handle normal shock and vibration of industrial use and transportation without falling off the rail.
Connections 9
Input: screw terminals, Wiring for the connector will be Ground on the left (when looking at the front of the unit),
connector size range: 16-10AWG (1.5-6mm2) for solid conductors. Screw Torque: 4.4 lb-in (~ 50 N-cm). Output: connector size range, wire gauge
7-6 AWG (10.6-13 mm2) for solid conductors. Screw Torque: 15.6 lb-inch (~ 176 N-cm) for SDN40;
all other models: 16-10AWG (1.5-6mm2) for solid conductors. Screw Torque: 7 lb-inch (~ 80 N-cm)
1. SDN 20 will operate at 75% load; SDN 40 will operate at 50% load under loss of 1
phase; SDN 5 and SDN 10 will operate with single phase input power at 100% of load.
Unit will shut down if thermal threshold is exceeded under this condition.
2. Unit passed input voltage overstress test at 600 Vac without failure.
3. Input current ratings are specified with low input, line conditions, worst case ef-
ficiency values and power factor spikes. Input current at nominal input settings will
typically be half these values.
4. Losses are heat dissipation in watts at full load, nominal line.
5. 24-28 Vdc adjustable guaranteed at full load.
6. Ripple/noise is stated as typical values when measured with a 20 MHZ, bandwidth
scope and 50 Ohm resistor.
7. SDN 20 and 40 unit will go to HICCUP mode. SDN 5 and 10 will maintain min 4
secs to deliver 150% load then drops to almost zero V
out. The output voltage will im-
mediately drop to almost zero when load rises above 150%.
8. All models except the 40amp unit are capable of parallel operation by use of a
jumper pin, accessible by the end user. 40 amp unit will have active current sharing
signal.
9. SDN 40-24-100C only = Output signaling terminal block features (Shut down,
Power Good, Current Monitor, Current Balance, signal GND).
10. 70% maximum rated load.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com