Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDN-C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SDN-C
Description  SDN-C Compact DIN Rail Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SDN-C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SDN-C Datasheet HTML 1Page - List of Unclassifed Manufacturers SDN-C Datasheet HTML 2Page - List of Unclassifed Manufacturers SDN-C Datasheet HTML 3Page - List of Unclassifed Manufacturers SDN-C Datasheet HTML 4Page - List of Unclassifed Manufacturers SDN-C Datasheet HTML 5Page - List of Unclassifed Manufacturers SDN-C Datasheet HTML 6Page - List of Unclassifed Manufacturers SDN-C Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Power Supplies
3
Contact
Technical Services at (800) 377-4384 with any questions.
Visit our website at www.solahd.com.
117
The SDN-C DIN rail power supplies are the next generation
of the popular SDN series. These models combine high
efficiency and compact size with new visual diagnostic
LEDs to offer the most performance available from SolaHD.
Essential industrial features such as Sag Immunity, Power
Factor Correction, and universal voltage input have been
retained in this series. Wide temperature operating range
and parallel operation capability make the new SDN-C units
suitable to a variety of industrial applications.
Applications
• Industrial Machine Control and Process Control
• Conveying Equipment
• Material Handling
• Vending Machines
• Packaging Equipment and Amusement Park Equipment
• Semiconductor Fabrication Equipment
• DeviceNetTM
Features
• Compact packaging to save space on the DIN rail
• Visual diagnostic LEDs for input and output status at a
glance
• High MTBF means high reliability and long life
• Higher efficiency saves energy and lowers amount of
heat generated in panel
• PowerBoostTM overload capability to start high
inrush loads
• Accepts Universal voltage 85-264 Vac, 50/60 Hz input
• Active Power Factor Correction
• Patented DIN rail mounting clip
• User Adjustable output voltage accessible via front face
• Parallel capability standard
• Large, rugged, accessible screw terminals
• Industrial grade design
- -25oC to 60oC operation without derating
• Fully tested and burned-in at factory
• Highly efficient switching technology
• Five year limited warranty
Certifications and Compliances *
All Models
•
UL 508 Listed
IND. CONT. EQ.
E61379
Listed, Ind. Control Equipment, E61379
- UL 508, CSA C22.2 No. 107.1
SDN-C Compact DIN Rail Series
•
UL 60950
E137632
CUL/CSA-C22.2
No. 234-M90
UL Recognized Component, ITE, E137632
- UL 60950-1/CSA C22.2 No. 60950-1, 2nd Edition
•
EMC and
Low Volt.
Directive
- Low Voltage Directive
- IEC/EN60950-1, 2nd Edition
• Sag Immunity: SEMI F47
• RoHS Compliant
Models SDN 20-24-100C, SDN 20-24-480CC,
SDN 40-24-480C
•
UL 60950
E137632
CUL/CSA-C22.2
No. 234-M90
UL Recognized Component, Haz. Loc.,
E234790
- ISA 12.12.01, CSA C22.2 No. 213
- Class I, Division 2, Groups A, B, C, D
Models SDN 5-24-100C, SDN 10-24-100C, SDN 40-24-100C,
SDN 5-24-480C, SDN 10-24-480C
•
UL 60950
E137632
CUL/CSA-C22.2
No. 234-M90
UL Recognized Component, Haz. Loc.,
E234790
- UL 60079-15/CSA E60079-15
- Class I, Zone 2, AEx nC IIC, Ex nC IIC
•
ATEX Directive
- EN60079-0, EN60079-15
-
II 3 G, Ex nC IIC Gc
Related Products
• SDN-P series
• SDPTM series
• SCP series
• SDU UPS
Accessories
• Chassis Mount Bracket (SDN-PMBRK2)
UL 508 Listed
IND. CONT. EQ.
E61379
UL 60950
E137632
CUL/CSA-C22.2
No. 234-M90
E61379
E137632
E234790
* Refer to user manual for installation requirements when used in hazardous locations.
EMC and
Low Volt.
Directive


Similar Part No. - SDN-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDN-C ETC-SDN-C Datasheet
208Kb / 2P
SDU Series, Direct Current Uninterruptible Power Supply (DC UPS) System
More results

Similar Description - SDN-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDN5-24-100P ETC2-SDN5-24-100P Datasheet
929Kb / 6P
SDN-P DIN Rail Series
logo
Cooper Bussmann, Inc.
CCP-1-30CC COOPER-CCP-1-30CC Datasheet
2Mb / 12P
Compact Circuit Protector DIN-Rail fused disconnect switches
logo
celduc-relais
SILD867170 CELDUC-SILD867170 Datasheet
549Kb / 5P
Contacteur statique compact sur rail DIN
logo
Skynet Electronic Copyr...
SNP-D129 SKYNET-SNP-D129 Datasheet
313Kb / 4P
Din Rail
SNP-D249 SKYNET-SNP-D249 Datasheet
333Kb / 4P
Din Rail
SNP-D489 SKYNET-SNP-D489 Datasheet
335Kb / 4P
Din Rail
logo
Advantech Co., Ltd.
PSD-A40W ADVANTECH-PSD-A40W Datasheet
457Kb / 2P
40 Watts Compact Size DIN-Rail Power Supply
10-Jul-2018
PSD-A60W ADVANTECH-PSD-A60W Datasheet
456Kb / 2P
60 Watts Compact Size DIN-Rail Power Supply
10-Jul-2018
logo
Emerson Network Power
SDN10-24-100P EMERSON-NETWORKPOWER-SDN10-24-100P Datasheet
429Kb / 5P
SDN-P™ DIN Rail Series
logo
Eaton All Rights Reserv...
MTL5500 EATON-MTL5500 Datasheet
440Kb / 29P
Compact modular design with DIN rail mounting
Apr 2008
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com