Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDN-C Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SDN-C
Description  SDN-C Compact DIN Rail Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SDN-C Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  SDN-C Datasheet HTML 1Page - List of Unclassifed Manufacturers SDN-C Datasheet HTML 2Page - List of Unclassifed Manufacturers SDN-C Datasheet HTML 3Page - List of Unclassifed Manufacturers SDN-C Datasheet HTML 4Page - List of Unclassifed Manufacturers SDN-C Datasheet HTML 5Page - List of Unclassifed Manufacturers SDN-C Datasheet HTML 6Page - List of Unclassifed Manufacturers SDN-C Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Power Supplies
3
Contact
Technical Services at (800) 377-4384 with any questions.
Visit our website at www.solahd.com.
122
24-28 V
115/230 VAC 1.3-0.7A 50/60 HZ
���� ���� ��
US LISTED
Power Supply
SDN 2.5-24-100P
SOL A
Parallel
Single
C
����
L
U
L
N
24 VDC /2.5 A
+ +
NEC Class2
Power Supply
OK
-
-
OK
SDN-C Series Dimensions
SDN 40-24-100C and SDN 40-24-480C Dimensions
W
D
Catalog
Number
Dimensions - inches (mm)
H
W
D
SDN 5-24-100C
4.85 (123.0)
1.97 (50.0)
4.36 (111.0)
SDN 10-24-100C
4.85 (123.0)
2.36 (60.0)
4.36 (111.0)
SDN 20-24-100C
4.85 (123.0)
3.42 (87.0)
4.98 (127.0)
SDN 5-24-480C
4.85 (123.0)
1.97 (50.0)
4.36 (111.0)
SDN 10-24-480C
4.85 (123.0)
2.36 (60.0)
4.36 (111.0)
SDN 20-24-480CC
4.85 (123.0)
3.35 (85.0)
4.68 (119.0)
Catalog
Number
Dimensions - inches (mm)
H
W
D
SDN 40-24-100C
4.85 (123.0)
7.09 (180.0)
4.66 (118.0)
SDN 40-24-480C
4.85 (123.0)
7.09 (180.0)
4.81 (122.0)
SDN5-24-100C
Power Supply
W
D
D + 0.54 in (13.80 mm)
Signal
Connector 1
1. SDN 40-24-100C and SDN 40-24-480C output signaling terminal block features: Shut Down, Power Good, Current Monitor, Current Balance, GND, and
active current sharing through I_SHARE connectors (See Signals Manual for connection information).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com