Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDN-C Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SDN-C
Description  SDN-C Compact DIN Rail Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SDN-C Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SDN-C Datasheet HTML 1Page - List of Unclassifed Manufacturers SDN-C Datasheet HTML 2Page - List of Unclassifed Manufacturers SDN-C Datasheet HTML 3Page - List of Unclassifed Manufacturers SDN-C Datasheet HTML 4Page - List of Unclassifed Manufacturers SDN-C Datasheet HTML 5Page - List of Unclassifed Manufacturers SDN-C Datasheet HTML 6Page - List of Unclassifed Manufacturers SDN-C Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Power Supplies
3
Contact
Technical Services at (800) 377-4384 with any questions.
Visit our website at www.solahd.com.
120
Description
Catalog Number
SDN 20-24-100C
SDN 40-24-100C
Input
Nominal Voltage
115 - 230 Vac
-AC Range
85 - 264 Vac
-DC Range 1
90 - 375 Vdc
-Frequency
43 - 67 Hz
Nominal Current 2
6 - 3 A
12 - 4 A
-Inrush current max.
< 40 A
Typ. <60 A
Efficiency (Losses 3)
> 92% (38 W)
> 93 % (67 W)
Power Factor Correction
Active power factor correction to better than 0.92
Output
Nominal Voltage 4
24 V (23.5~28.5 Vdc Adj.)
-Tolerance
< ±2 % overall (combination Line, load, time and temperature related changes)
Initial Voltage Setting
24.5 V ± 1%
-Ripple 5
<100 mVpp
< 100 mVpp
PARD
PARD (Periodic and Random Deviation) = 100 mV peak-peak max
Overvoltage Protection
> 30.5 but < 33 Vdc, auto recovery
Power Back Immunity
< 35 V
Nominal Current
20 A (480 W)
40 A (960 W)
-Peak Current 6
1.5 × Nominal Current for 4 seconds minimum while holding voltage > 20 Vdc
-Short Circuit Current
1.5 x Nominal Current at near zero volts at short circuit condition
1.8 x Nominal Current at or near zero volts at short circuit condition
-Current Limit
PowerBoost™
Parallel Operation 7
Switch selectable single unit or parallel unit operation. Units will not be
damaged by parallel operation (regardless of switch position setting).
Active Paralleling
Holdup Time
>20 mS (Full load, 100 Vac Input @ T
amb=+25°C) to 95% output voltage
Voltage Fall Time
<150 mS from 95% to 10% rated voltage @ full load (T
amb=+25°C)
Line and Load Regulation
< 0.5%
General
EMC:
-Emissions
EN61000-6-2:2001, EN61000-6-3:2001, Class B EN55011, EN55022
Radiated and Conducted including Annex. A, EN61000-3-2
EN61000-6-3, EN61000-6-4, Class B EN55011, EN55022
Radiated and Conducted including Annex A, EN61000-3-2, EN61000-3-3
-Immunity
EN61000-6-1:2001, EN61000-6-2:2001, EN61000-4-2 Level 4,
EN61000-4-3 Level 3, EN61000-4-6 Level 3, EN61000-4-4 Level 4
input and level 3 output. EN61000-4-5 Isolation class 4, EN61000-4-
11, IEC 61000-4-34 voltage dip immunity standard
EN61000-6-1, EN61000-6-2, EN61000-4-2 Level 4, EN61000-
4-3 Level 3, EN61000-4-4 Level 4 input and Level 3 output,
EN61000-4-5 Installation Class 4, EN61000-4-6 Level 3,
EN61000-4-8, EN61000-4-11, SEMI F47 Sag Immunity, Transient
protection according to VDE 0160/W2 over entire load range.
Temperature 8
Storage: -40oC to + 85oC, Operation -25oC to +60oC full power, with linear derating to half power from 60 to 70oC (Convection cooling,
no forced air required). Operation up to 50% load permissible with sideways or front side up mounting orientation.
MTBF 9
> 450,000 hrs
> 500,000 hours demonstrated
Warranty
5 Year Limited Warranty
General Protection/Safety
Protected against continuous short -circuit, continuous overload, continuous open circuit. Protection Class 1 (IEC536), degree of protection IP20
(IEC60529) Safe low voltage: SELV (acc. IEC60950-1)
Status Indicators
Visual: 3 status LEDs (Input, Output, Alarm)
Relay: N.O. contact rated 200ma/50 Vdc
Installation
Fusing -Input
Internally fused
-Output
Outputs are capable of providing high currents for short periods of time for inductive load startup or switching. Fusing may be required for wire/loads
if 2x Nominal O/P current rating cannot be tolerated. Continuous current overload allows for reliable fuse tripping.
Mounting
Simple snap-on to DIN TS35/7.5 or TS35/15 rail system.
Connections 10
Input: Screw terminals, connector size range: 16-10 AWG (1.5-6 mm2)
for solid conductors. Screw Torque: 4.4 lb-in (~ 50 N-cm).
Output: Two terminals per output, connector size range: 16-10 AWG
(1.5-6 mm2) for solid conductors. Screw Torque: 7 lb-inch (~ 80 N-cm)
Input: Screw terminals, connector size range: 16-10 AWG
(1.5-6 mm2) for solid conductors. Screw Torque: 4.4 lb-inch (~ 50 N-cm).
Output: Two terminals per output, connector size range: 10-6 AWG
(6-14 mm2) for solid conductors. Screw Torque: 15.6 lb-inch (~ 176 N-cm)
Case
Fully enclosed metal housing with fine ventilation grid to keep out small parts.
-Free Space
25 - 40 mm above and below, 10 mm left and right, 15 mm in front
H x W x D inches in (mm)
4.85 x 3.42 x 4.98 (123.0 x 87.0 x 127.0)
4.85 x 7.09 x 4.81 (123.0 x 180.0 x 122.0)
Weight lbs (kg)
2.6 (1.20)
6.0 (2.75)
SDN-C Specifications (Single Phase)
1. Not UL listed for DC input.
2. Input current ratings are conservatively specified with low input, worst case
efficiency and power factor.
3. Losses are heat dissipation in watts at full load, nominal input line.
4. 24-28 Vdc adjustable guaranteed at full load.
5. Ripple/noise is stated as typical values when measured with a 20 MHz, bandwidth
scope and 50 Ohm resistor.
6. Peak current is calculated at 24 Volt levels.
7. All models except the 40amp unit are capable of parallel operation by use of a
jumper pin, accessible by the end user. 40 amp unit will have active current sharing
signal.
8. Contact tech support for operation at -25oC.
9. Demonstrated through extended life test.
10. SDN 40-24-100C only = Output signaling terminal block features (Shut down,
Power Good, Current Monitor, Current Balance, signal GND).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com