Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS841484I Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS841484I
Description  FemtoClock® Crystal-to-0.7V Differential HCSL Clock Generator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS841484I Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS841484I Datasheet HTML 1Page - Renesas Technology Corp ICS841484I Datasheet HTML 2Page - Renesas Technology Corp ICS841484I Datasheet HTML 3Page - Renesas Technology Corp ICS841484I Datasheet HTML 4Page - Renesas Technology Corp ICS841484I Datasheet HTML 5Page - Renesas Technology Corp ICS841484I Datasheet HTML 6Page - Renesas Technology Corp ICS841484I Datasheet HTML 7Page - Renesas Technology Corp ICS841484I Datasheet HTML 8Page - Renesas Technology Corp ICS841484I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ICS841484I Data Sheet
FEMTOCLOCK® CRYSTAL-TO-0.7V DIFFERENTIAL HCSL CLOCK GENERATOR
ICS841484DKI REVISION A NOVEMBER 7, 2012
3
©2012 Integrated Device Technology, Inc.
Function Tables
Table 3A. Spread-Spectrum Modulation (SSM) Function Table (fREF = 25MHz)
Table 3B. FSEL Function Table (fREF = 25MHz)
Table 3C. BYPASS Function Table
Table 3D. MR/nOE Function Table
NOTE 1: Asynchronous Function
Table 3E. REF_SEL Function Table
Table 3F. OE_REFOUT Function Table
Input
Outputs
SSM
Q[0:3], nQ[0:3]
0
SSM off (default)
1
SSM on (typical: 32kHz, -0.5%) See Table 6B
Inputs
Outputs
FSEL1
FSEL0
M Divider
N Divider
Q[0:3], nQ[0:3]
0
0
48
12
VCO/12 (100MHz) PCIe
0
1
40
8
VCO/8 (125MHz) sRIO
1
0
48
6
VCO/6 (200MHz) PCIe (default)
1
1
48
3
VCO/3 (400MHz)
Input
BYPASS
PLL Configuration
0
PLL on (default)
1
PLL bypassed (Q[0:3], nQ[0:3] = fREF/N)
Input
MR/nOE
FunctionNOTE1
0
Outputs enabled (default)
1
Device reset, outputs disabled (High Impedance)
Input
REF_SEL
Input Reference
0
XTAL (default)
1REF_IN
Input
OE_REFOUT Function
0
REF_OUT disabled (High Impedance) (default)
1
REF_OUT enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com