Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS841484I Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS841484I
Description  FemtoClock® Crystal-to-0.7V Differential HCSL Clock Generator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS841484I Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS841484I Datasheet HTML 1Page - Renesas Technology Corp ICS841484I Datasheet HTML 2Page - Renesas Technology Corp ICS841484I Datasheet HTML 3Page - Renesas Technology Corp ICS841484I Datasheet HTML 4Page - Renesas Technology Corp ICS841484I Datasheet HTML 5Page - Renesas Technology Corp ICS841484I Datasheet HTML 6Page - Renesas Technology Corp ICS841484I Datasheet HTML 7Page - Renesas Technology Corp ICS841484I Datasheet HTML 8Page - Renesas Technology Corp ICS841484I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
ICS841484I Data Sheet
FEMTOCLOCK® CRYSTAL-TO-0.7V DIFFERENTIAL HCSL CLOCK GENERATOR
ICS841484DKI REVISION A NOVEMBER 7, 2012
2
©2012 Integrated Device Technology, Inc.
Table 1. Pin Descriptions
NOTE: Pulldown and Pullup refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1,
2
XTAL_IN,
XTAL_OUT
Input
Parallel resonant crystal interface. XTAL_OUT is the output,
XTAL_IN is the input. (PLL reference.)
3
MR/nOE
Input
Pulldown
Master reset. LVCMOS/LVTTL interface levels. See Table 3D.
4, 14, 24, 29
VDD
Power
Core supply pins.
5, 6
Q0, nQ0
Output
Differential output pair. HCSL interface levels.
7, 8
Q1, nQ1
Output
Differential output pair. HCSL interface levels.
9, 19, 32
GND
Power
Power supply ground.
10, 11
Q2, nQ2
Output
Differential output pair. HCSL interface levels.
12, 13
Q3, nQ3
Output
Differential output pair. HCSL interface levels.
15, 16, 17, 18
nc
Unused
No connect.
20
OE_REFOUT
Input
Pulldown
Output enable pin. LVCMOS/LVTTL interface levels. See Table 3F.
21
REF_OUT
Output
Reference clock output. LVCMOS/LVTTL interface levels. In PCIe Gen 2 and
Gen 3 applications, the REF_OUT output should be disabled.
22
F_SEL0
Input
Pulldown
Output frequency select pin. LVCMOS/LVTTL interface levels. See Table 3B.
23
F_SEL1
Input
Pullup
Output frequency select pin. LVCMOS/LVTTL interface levels. See Table 3B.
25
SSM
Input
Pulldown
Spread-spectrum selection. LVCMOS/LVTTL interface levels. See Table 3A.
26
IREF
Output
An external fixed precision resistor (475
) from this pin to ground provides a
reference current used for differential current-mode Qx, nQx clock outputs.
27
BYPASS
Input
Pulldown
Selects PLL operation/PLL bypass operation. See Table 3C.
LVCMOS/LVTTL interface levels.
28
VDDA
Power
Analog supply pin.
30
REF_SEL
Input
Pulldown
Reference select. Selects the input reference source.
LVCMOS/LVTTL interface levels. See Table 3E.
31
REF_IN
Input
Pulldown
LVCMOS/LVTTL PLL reference clock input.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4pF
RPULLDOWN Input Pulldown Resistor
51
k
RPULLUP
Input Pullup Resistor
51
k
ROUT
Output Impedance
REF_OUT
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com