Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS841484I Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS841484I
Description  FemtoClock® Crystal-to-0.7V Differential HCSL Clock Generator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS841484I Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS841484I Datasheet HTML 1Page - Renesas Technology Corp ICS841484I Datasheet HTML 2Page - Renesas Technology Corp ICS841484I Datasheet HTML 3Page - Renesas Technology Corp ICS841484I Datasheet HTML 4Page - Renesas Technology Corp ICS841484I Datasheet HTML 5Page - Renesas Technology Corp ICS841484I Datasheet HTML 6Page - Renesas Technology Corp ICS841484I Datasheet HTML 7Page - Renesas Technology Corp ICS841484I Datasheet HTML 8Page - Renesas Technology Corp ICS841484I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ICS841484I Data Sheet
FEMTOCLOCK® CRYSTAL-TO-0.7V DIFFERENTIAL HCSL CLOCK GENERATOR
ICS841484DKI REVISION A NOVEMBER 7, 2012
5
©2012 Integrated Device Technology, Inc.
Table 5. Crystal Characteristics
NOTE: Characterized using an 18pF parallel resonant crystal.
AC Electrical Characteristics
Table 6A. PCI Express Jitter Specifications, VDD = 3.3V ± 5%, TA = -40°C to 85°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal equilibrium
has been reached under these conditions. For additional information, refer to the PCI Express Application Note section in the datasheet.
NOTE: PCIe jitter parameters were obtained with Spread Spectum Modulation disabled.
NOTE: PCIe Gen 2 and Gen 3 jitter parameters were obtained with REF_OUT disabled.
NOTE 1: Peak-to-Peak jitter after applying system transfer function for the Common Clock Architecture. Maximum limit for PCI Express Gen 1
is 86ps peak-to-peak for a sample size of 106 clock periods.
NOTE 2: RMS jitter after applying the two evaluation bands to the two transfer functions defined in the Common Clock Architecture and
reporting the worst case results for each evaluation band. Maximum limit for PCI Express Generation 2 is 3.1ps RMS for tREFCLK_HF_RMS
(High Band) and 3.0ps RMS for tREFCLK_LF_RMS (Low Band).
NOTE 3: RMS jitter after applying system transfer function for the common clock architecture. This specification is based on the PCI Express
Base Specification Revision 0.7, October 2009 and is subject to change pending the final release version of the specification.
NOTE 4: This parameter is guaranteed by characterization. Not tested in production.
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
Mode of Oscillation
Fundamental
Frequency
25
MHz
Equivalent Series Resistance (ESR)
50
Shunt Capacitance
7pF
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
PCIe Industry
Specification
Units
tj
(PCIe Gen 1)
Phase Jitter
Peak to Peak
Note 1, 4
100MHz, 25MHz crystal input
Evaluation Band: 0Hz - Nyquist
(clock frequency/2)
14.2
30.6
86
ps
tREFCLK_HF_RMS
(PCIe Gen 2)
Phase Jitter
RMS; NOTE 2, 4
100MHz, 25MHz crystal input
High Band: 1.5MHz - Nyquist
(clock frequency/2)
0.77
1.4
3.1
ps
tREFCLK_LF_RMS
(PCIe Gen 2)
Phase Jitter
RMS; NOTE 2, 4
100MHz, 25MHz crystal input
Low Band: 10kHz - 1.5MHz
0.17
0.45
3.0
ps
tREFCLK_LF_RMS
(PCIe Gen 3)
Phase Jitter
RMS; NOTE 3, 4
100MHz, 25MHz crystal input
Evaluation Band: 0Hz - Nyquist
(clock frequency/2)
0.16
0.35
0.8
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com