Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS841484I Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS841484I
Description  FemtoClock® Crystal-to-0.7V Differential HCSL Clock Generator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS841484I Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS841484I Datasheet HTML 6Page - Renesas Technology Corp ICS841484I Datasheet HTML 7Page - Renesas Technology Corp ICS841484I Datasheet HTML 8Page - Renesas Technology Corp ICS841484I Datasheet HTML 9Page - Renesas Technology Corp ICS841484I Datasheet HTML 10Page - Renesas Technology Corp ICS841484I Datasheet HTML 11Page - Renesas Technology Corp ICS841484I Datasheet HTML 12Page - Renesas Technology Corp ICS841484I Datasheet HTML 13Page - Renesas Technology Corp ICS841484I Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ICS841484I Data Sheet
FEMTOCLOCK® CRYSTAL-TO-0.7V DIFFERENTIAL HCSL CLOCK GENERATOR
ICS841484DKI REVISION A NOVEMBER 7, 2012
10
©2012 Integrated Device Technology, Inc.
Parameter Measurement Information
3.3V HCSL Output Load AC Test Circuit
3.3V LVCMOS Output Load AC Test Circuit
Cycle-to-Cycle Jitter
3.3V HCSL Output Load AC Test Circuit
Output Skew
RMS Phase Jitter
475
Ω
Measurement
Point
33
Ω
50
Ω
50
Ω
33
Ω
Measurement
Point
49.9
Ω
49.9
Ω
HCSL
GND
2pF
2pF
0V
IREF
0V
VDD
VDDA
3.3V±5%
3.3V±5%
This load condition is used for VMAX , VMIN, VRB, tSTABLE,
VCROSS, VCROSS and tSLEW± measurements.
SCOPE
Qx
GND
VDD
VDDA
1.65V±5%
1.65V±5%
-1.65V±5%
nQ0:nQ3
Q0:Q3
➤
➤
tcycle n
tcycle n+1
tjit(cc) =
|tcycle n – tcycle n+1|
1000 Cycles
475
50
50
GND
0V
SCOPE
IREF
0V
3.3V±5%
VDDA
3.3V±5%
VDD
This load condition is used for IDD, tjit(cc), tsk(o), odc and tjit(Ø)
measurements.
nQx
Qx
nQy
Qy
tsk(o)
Offset Frequency
f
1
f
2
Phase Noise Plot
Area Under Curve Defined by the Offset Frequency Markers
RMS Phase Jitter =
2 *
* ƒ
1
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com